Electronic Components Datasheet Search
  English  ▼

X  

DS20006554A Datasheet(PDF) 61 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 61 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 57Page - Microchip Technology DS20006554A Datasheet HTML 58Page - Microchip Technology DS20006554A Datasheet HTML 59Page - Microchip Technology DS20006554A Datasheet HTML 60Page - Microchip Technology DS20006554A Datasheet HTML 61Page - Microchip Technology DS20006554A Datasheet HTML 62Page - Microchip Technology DS20006554A Datasheet HTML 63Page - Microchip Technology DS20006554A Datasheet HTML 64Page - Microchip Technology DS20006554A Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
ZL30260-ZL30263
Data Sheet
61
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
F1CR1
Register Description:
APLL Fractional Output Divider Control Register 1
Register Address:
140h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
MODE[3:0]
—
FDL[2:0]
Default
0
0
0
0
0
1
0
0
Bits 7 to 4: APLL Fractional Output Divider Mode (MODE[3:0]).
0000 = Normal, divider-only operation
0001 = NCO or spread-spectrum operation
Other values reserved
Bits 2 to 0: APLL Fractional Output Divider Write Length (FDL[2:0]). This field indicates the last register to write
of the FDIV
multiregister field where “last register” is as described in section 6.1.3. The number of the last register to
write is FDL+1. Changing this field from its default value can be useful in NCO mode to reduce SPI or I2C bus usage
when NCO changes only affect the least significant bytes of FDIV.
Register Name:
F1DIV1
Register Description:
APLL Fractional Output Divider Register 1
Register Address:
141h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
FDIV[7:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Fractional Output Divider Value (FDIV[7:0]). The full 40-bit FDIV[39:0] field spans the F1DIV1 through
F1DIV5 registers. FDIV is an unsigned number with 4 integer bits (FDIV[39:36]) and up to 36 fractional bits. FDIV
specifies the fixed-point term of the fractional output divider value. The value FDIV=0 is undefined. Unused least
significant bits must be written with 0. See section 5.5.5.
Register Name:
F1DIV2
Register Description:
APLL Fractional Output Divider Register 2
Register Address:
142h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
FDIV[15:8]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Fractional Output Divider Value (FDIV[15:8]). See the F1DIV1 register description.
Register Name:
F1DIV3
Register Description:
APLL Fractional Output Divider Register 3
Register Address:
143h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
FDIV[23:16]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Fractional Output Divider Value (FDIV[23:16]). See the F1DIV1 register description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com