Electronic Components Datasheet Search
  English  ▼

X  

DS20006554A Datasheet(PDF) 45 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 45 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 41Page - Microchip Technology DS20006554A Datasheet HTML 42Page - Microchip Technology DS20006554A Datasheet HTML 43Page - Microchip Technology DS20006554A Datasheet HTML 44Page - Microchip Technology DS20006554A Datasheet HTML 45Page - Microchip Technology DS20006554A Datasheet HTML 46Page - Microchip Technology DS20006554A Datasheet HTML 47Page - Microchip Technology DS20006554A Datasheet HTML 48Page - Microchip Technology DS20006554A Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
ZL30260-ZL30263
Data Sheet
45
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
GLOBISR
Register Description:
Global Functions Interrupt Status Register
Register Address:
43h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
BCDONE
—
—
—
GPIO3IE
GPIO2IE
GPIO1IE
GPIO0IE
Default
see below
0
0
0
0
0
0
0
Bit 7: Boot Controller Done (BCDONE). This bit indicates the status of the on-chip boot controller, which performs
auto-configuration from ROM or EEPROM. It is cleared when the device is reset and set after the boot controller
finishes auto-configuration of the device. See section 5.11.
Note that BCDONE cannot be polled while the device is auto-configuring because the internal register bus is in use.
The BCDONE bit was designed to be followed by a GPIO pin configured as a status output. To cause GPIO0, for
example, to follow BCDONE, include the following settings at the beginning of the auto-configuration script:
GPIOCR1=0x04 (configures GPIO0 as a non-inverted status output) and GPIO0SS=00011 111b (causes GPIO0 to
follow the bit at register 0x43, bit 7, which is BCDONE).
Alternately, there is a way to poll the device to determine whether auto-configuration is complete. This involves
choosing a writeable bit that (a) has a harmless effect, such as GLOBISR.GPIO3IE, and (b) is not set during auto-
configuration. System software can then poll the device by writing the register to set the bit then reading the register
to see if the bit is set. The bit cannot be set by system software while the device is auto-configuring. Therefore when
it is found to be set auto-configuration must be complete.
Bit 3: GPIO3 Change Interrupt Enable (GPIO3IE). This bit enables the GPIOSR.GPIO3L latched status bit to send
an interrupt request into the device’s interrupt logic.
0 = Interrupt is disabled
1 = Interrupt is enabled
Bit 2: GPIO2 Change Interrupt Enable (GPIO2IE). This bit enables the GPIOSR.GPIO2L latched status bit to send
an interrupt request into the device’s interrupt logic.
0 = Interrupt is disabled
1 = Interrupt is enabled
Bit 1: GPIO1 Change Interrupt Enable (GPIO1IE). This bit enables the GPIOSR.GPIO1L latched status bit to send
an interrupt request into the device’s interrupt logic.
0 = Interrupt is disabled
1 = Interrupt is enabled
Bit 0: GPIO0 Change Interrupt Enable (GPIO0IE). This bit enables the GPIOSR.GPIO0L latched status bit to send
an interrupt request into the device’s interrupt logic.
0 = Interrupt is disabled
1 = Interrupt is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com