Electronic Components Datasheet Search
  English  ▼

X  

DS20006554A Datasheet(PDF) 26 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 26 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 22Page - Microchip Technology DS20006554A Datasheet HTML 23Page - Microchip Technology DS20006554A Datasheet HTML 24Page - Microchip Technology DS20006554A Datasheet HTML 25Page - Microchip Technology DS20006554A Datasheet HTML 26Page - Microchip Technology DS20006554A Datasheet HTML 27Page - Microchip Technology DS20006554A Datasheet HTML 28Page - Microchip Technology DS20006554A Datasheet HTML 29Page - Microchip Technology DS20006554A Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
ZL30260-ZL30263
Data Sheet
26
© 2021 Microchip Technology Inc.
DS20006554A
Figure 10 - I2C Register Write Transaction Functional Timing
Figure 11 - I2C EEPROM Write Transaction Functional Timing (ZL30261 and ZL30263 Only)
Figure 12 - I2C EEPROM Read Status Transaction Functional Timing (ZL30261 and ZL30263 Only)
Note: In Figure 9 through Figure 12, a STOP condition (P) immediately followed by a START condition (S) can be
replaced by a repeated START condition (Sr) as described in the I2C specification.
slave device
address
S
S = START condition
P = STOP condition
A = acknowledge (SDA low)
NA = not acknowledge (SDA high)
R/W A
7 bits
write
command
A
reg. address
upper byte
A
data byte1
reg. address
lower byte
A
A
data byteN
P
0 (write)
A
slave device
address
S
R/W A
7 bits
write enable
command
A
0 (write)
P
slave device
address
S
R/W A
7 bits
write
command
A
reg. address
upper byte
A
reg. address
lower byte
A
0 (write)
S = START condition
P = STOP condition
A = acknowledge (SDA low)
NA = not acknowledge (SDA high)
data byte1
A
data byteN
P
A
slave device
address
S
R/W A
7 bits
read status
command
A
0 (write)
P
slave device
address
S
S = START condition
P = STOP condition
A = acknowledge (SDA low)
NA = not acknowledge (SDA high)
R/W A
7 bits
status byte
NA
P
1 (read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com