Electronic Components Datasheet Search
  English  ▼

X  

DS20006554A Datasheet(PDF) 42 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 42 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 38Page - Microchip Technology DS20006554A Datasheet HTML 39Page - Microchip Technology DS20006554A Datasheet HTML 40Page - Microchip Technology DS20006554A Datasheet HTML 41Page - Microchip Technology DS20006554A Datasheet HTML 42Page - Microchip Technology DS20006554A Datasheet HTML 43Page - Microchip Technology DS20006554A Datasheet HTML 44Page - Microchip Technology DS20006554A Datasheet HTML 45Page - Microchip Technology DS20006554A Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
ZL30260-ZL30263
Data Sheet
42
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
I2CA
Register Description:
I2C Address register 1
Register Address:
11h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
0
I2CA[6:0]
Default
0
1
1
1
0
1
See below
Bits 6 to 0: I2C Address (I2CA[6:0]).
This field specifies the device’s address on the I2C bus. At the assertion of the
RSTN pin, bits 6:2 are set to the default values shown above, and bits 1:0 are set to the states of the IF1 and IF0
pins. The MCR1.HRST and MCR1.SRST bits have no effect on these bits. After reset these bits can be written by
system software to change the device’s I2C address as needed. Note: the value I2CA=0 is invalid.
6.3.2
Status Registers
Register Name:
ID1
Register Description:
Device Identification Register, MSB
Register Address:
30h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
IDU[7:0]
Default
0
0
0
1
1
1
see below
Bits 7 to 0: Device ID Upper (IDU[7:0]). This field is the upper eight bits of the device ID.
Register Name:
ID2
Register Description:
Device Identification Register, LSB and Revision
Register Address:
31h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
IDL[3:0]
REV[3:0]
Default
see below
contract factory
Bits 7 to 4: Device ID Lower (IDL[3:0]). This field is the lower four bits of the device ID.
ZL30260 = 0x1D0
ZL30261 = 0x1F0
ZL30262 = 0x1D1
ZL30263 = 0x1F1
Bits 3 to 0: Device Revision (REV[3:0]). These bits are the device hardware revision starting at 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com