Electronic Components Datasheet Search
  English  ▼

X  

DS20006554A Datasheet(PDF) 81 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 81 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 77Page - Microchip Technology DS20006554A Datasheet HTML 78Page - Microchip Technology DS20006554A Datasheet HTML 79Page - Microchip Technology DS20006554A Datasheet HTML 80Page - Microchip Technology DS20006554A Datasheet HTML 81Page - Microchip Technology DS20006554A Datasheet HTML 82Page - Microchip Technology DS20006554A Datasheet HTML 83Page - Microchip Technology DS20006554A Datasheet HTML 84Page - Microchip Technology DS20006554A Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 94 page
background image
ZL30260-ZL30263
Data Sheet
81
© 2021 Microchip Technology Inc.
DS20006554A
Figure 17 - Example External Components for Output Signals
Figure 17 part c) covers the case where an existing receiver has AC coupling caps followed by an internal or external 100
 termination resistor.
The driver requires a DC path between its POS and NEG pins even in this case. A 200
 resistor is recommended. Since this arrangement
attenuates the signal by one third, The OCxDIFF.VOD field should be set 50% higher to compensate.
Table 14 - Electrical Characteristics: APLL Frequencies
Characteristics
Symbol
Min.
Typ.
Max.
Units
Notes
APLL VCO frequency range
fVCO
3715
4180
MHz
APLL PFD input frequency
tPFD
9.72
156.25
MHz
Table 15 - Electrical Characteristics: Jitter and Skew Specifications
Characteristics
Test Conditions
Min
Typ
Max
Units
APLL Jitter Transfer Bandwidth
600
kHz
Output to Output Skew
Note 4
100
ps
Input-to-Output Delay Variation, APLL external
feedback, OC1 internal path
Note 12
110
160
ps
APLL, Integer Output Divider
Phase Jitter, 156.25MHz
Notes 1, 3
0.23
0.275
ps RMS
Notes 2, 3
0.155
0.175
ps RMS
PCI Express 1.1, Common Refclk Jitter
Total Jitter, Notes 6, 11
5
25
ps pk-pk
PCI Express 2.1, Common Refclk Jitter
10kHz to 1.5MHz, Note 6
0.1
0.3
ps RMS
1.5MHz to 50MHz, Note 6
1.6
2.1
ps RMS
PCI Express 3.0, Common Refclk Jitter
Note 6
0.08
0.10
ps RMS
PCI Express 4.0, Common Refclk Jitter
Note 6
0.08
0.10
ps RMS
PCI Express 5.0, Common Refclk Jitter
Note 6, 13
0.068
0.077
ps RMS
APLL, Fractional Output Divider
Phase Jitter, 156.25MHz
Integer divisor, Notes 1, 8
0.26
0.3
ps RMS
Frac. divisor, Note 1, 8
0.35
0.425
ps RMS
PCI Express 1.1, Common Refclk Jitter
Total Jitter, Notes 9, 11
16
27
ps pk-pk
Differential
Receiver
100
LVDS,
LVPECL,
or generic
diff erential
receiver with
1-2. 1V Vcm
50
50
Tx
+
-

HCSL
Receiver
50
50
Tx
+
-

100
CML
Receiver
50
50
Tx
+
-
Microsemi
Microsemi
Microsemi
Prog. Di ff
mode
LVDS or Prog.
Diff mode
HCSL mode
CMOS
Receiver
20
50
source-series termination
Microsemi
CMO S mode
100
50
50
Tx
+
-
Microsemi
Prog. Di ff
mode
Internal or external
termination on receiver
side of AC-coupling caps.
200
Driver requires DC pat h between + and
– pins. 200
 recommended.


a)
b)
c)
d)
e)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com