Electronic Components Datasheet Search
  English  ▼

X  

DS20006554A Datasheet(PDF) 30 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 30 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 26Page - Microchip Technology DS20006554A Datasheet HTML 27Page - Microchip Technology DS20006554A Datasheet HTML 28Page - Microchip Technology DS20006554A Datasheet HTML 29Page - Microchip Technology DS20006554A Datasheet HTML 30Page - Microchip Technology DS20006554A Datasheet HTML 31Page - Microchip Technology DS20006554A Datasheet HTML 32Page - Microchip Technology DS20006554A Datasheet HTML 33Page - Microchip Technology DS20006554A Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
ZL30260-ZL30263
Data Sheet
30
© 2021 Microchip Technology Inc.
DS20006554A
The VDDH=3.3V, VDDL=1.8V option does require two core power supply voltages, but internal regulation is used for
the APLL, maximizing power supply noise rejection. Also this option does not have either of the two disadvantages
of the VDDH=VDDL=3.3V option. If the application can provide 3.3V and 1.8V supplies to the device, this option is
highly recommended as a good balance of lower power consumption and better power supply noise rejection.
The VDDH=VDDL=2.5 option is for applications that do not have a 3.3V power supply and do not want to provide an
LDO to make a 3.3V supply. The advantages of this option are (1) the device only requires a single power supply
voltage (assuming all output driver VDDOx supplies are also 2.5V), and (2) lower power consumption than the
VDDH=VDDL=3.3V option. The disadvantage is that internal APLL regulators are bypassed and the APLL runs
directly from the VDDH supply, which leaves the device more susceptible to power supply noise. This susceptibility
can be mitigated using good power supply noise filtering and further mitigated with a dedicated LDO for the device.
The VDDH=2.5V, VDDL=1.8V option provides even lower power consumption than the VDDH=VDDL=2.5V option.
The disadvantages are (1) it requires two core power supply voltages, and (2) just like the VDDH=VDDL=2.5V case,
internal APLL regulators are bypassed and the APLL runs directly from the VDDH supply, which leaves the device
more susceptible to power supply noise. This susceptibility can be mitigated using good power supply noise filtering
and further mitigated with a dedicated LDO for the device.
See application note ZLAN-630 for power supply noise rejection performance.
5.15 Path 2 Signal Selection
In addition to the APLL, the device also provides a non-PLL path through the device called Path 2. See the block
diagram in Figure 1. Path 2 is essentially a built-in fanout buffer with its own input mux. Each bank of outputs can
be connected to the
APLL’s integer divider, the APLL’s fractional divider, or Path 2 using the appropriate field in the
OCMUX registers.
The Path 2 input mux can select any of inputs IC1 through IC3, a clock signal on XA, or the crystal driver circuit when
a crystal is connected to XA and XB.
The input to Path 2 can be controlled by a register field or a GPIO pin. When P2CR3.EXTSW=0, the P2CR3.MUX
register field controls the Path 2 input mux.
When P2CR3.EXTSW=1, a GPIO pin controls the Path 2 input mux. When the GPIO pin is low, the mux selects the
input specified by P2CR3.MUX. When the GPIO pin is high, the mux selects the input specified by P2CR3.ALTMUX.
P2CR1.EXTSS specifies which GPIO pin controls this behavior.
The P2SR.SELREF real-
time status field indicates Path 2’s selected reference.
6. Register Descriptions
Table 4 shows the register map. In each register, bit 7 is the MSb and bit 0 is the LSb. Register addresses not listed
are reserved. B
its marked “—“ are reserved and must be written with 0. Writing other values to these registers may
put the device in a factory test mode resulting in undefined operation. Bits labeled “0” or “1” must be written with that
value for proper operation. Register fields with underlined names are read-only fields; writes to these fields have no
effect. All other fields are read-write. Register fields are described in detail in the register descriptions that follow
Table 4.
6.1
Register Types
6.1.1
Status Bits
The device has two types of status bits. Real-time status bits are read-only and indicate the state of a signal at the
time it is read. Latched status bits are set when a signal changes state (low-to-high, high-to-low, or both, depending
on the bit) and cleared when written with a logic 1 value. Writing a 0 has no effect. When set, some latched status
bits can cause an interrupt request if enabled to do so by corresponding interrupt enable bits. Status bits marked
“—
“ are reserved and must be ignored.
6.1.2
Configuration Fields
Configuration fields are read-write. During reset, each configuration field reverts to the default value shown in the
register definition.
Configuration register bits marked “—“ are reserved and must be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com