Electronic Components Datasheet Search
  English  ▼

X  

DS20006554A Datasheet(PDF) 73 Page - Microchip Technology

Part # DS20006554A
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS20006554A Datasheet(HTML) 73 Page - Microchip Technology

Back Button DS20006554A Datasheet HTML 69Page - Microchip Technology DS20006554A Datasheet HTML 70Page - Microchip Technology DS20006554A Datasheet HTML 71Page - Microchip Technology DS20006554A Datasheet HTML 72Page - Microchip Technology DS20006554A Datasheet HTML 73Page - Microchip Technology DS20006554A Datasheet HTML 74Page - Microchip Technology DS20006554A Datasheet HTML 75Page - Microchip Technology DS20006554A Datasheet HTML 76Page - Microchip Technology DS20006554A Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 94 page
background image
ZL30260-ZL30263
Data Sheet
73
© 2021 Microchip Technology Inc.
DS20006554A
a data signal (phase alignment or time alignment signal that is latched by a POS signal edge) rather than a true clock
signal.
Bits 1 to 0: Output Clock Stop Mode (MODE[1:0]). This field selects the mode of the start-stop function. See
section 5.6.6.
00 = Stop Low: stop after falling edge of output clock, start after rising edge of output clock
01 = Stop High: stop after rising edge of output clock, start after falling edge of output clock
10 = Stop Low then go high-impedance: stop after falling edge, start after rising edge
11 = Stop High then go high-impedance: stop after rising edge, start after falling edge
The following table shows which pin(s) stop high or low as specified above for each output signal format:
Signal Format
OCxCR2.OCSF
Pin that Stops As Specified
LVDS, LVPECL, Programmable Differential
001 or 010
OCxP
HSTL
011
OCxP
Two CMOS, OCxP in phase with OCxN
100
OCxP and OCxN
One CMOS, OCxN enabled
101
OCxN
One CMOS, OCxP enabled
110
OCxP
Two CMOS, OCxN inverted vs. OCxP
111
OCxP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com