Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 19Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 20Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 21Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 22Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 23Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 24Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 25Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 26Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 23 of 36
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x170
LUT56_SW
[7:0]
SW_IN_
SET_56
SW_OUT_
SET_56
SW_IN_56
SW_OUT_56
0x00
R/W
0x171
LUT56_FILTER
[7:0]
HPF_56
LPF_56
0x00
R/W
0x172
LUT57_SW
[7:0]
SW_IN_
SET_57
SW_OUT_
SET_57
SW_IN_57
SW_OUT_57
0x00
R/W
0x173
LUT57_FILTER
[7:0]
HPF_57
LPF_57
0x00
R/W
0x174
LUT58_SW
[7:0]
SW_IN_
SET_58
SW_OUT_
SET_58
SW_IN_58
SW_OUT_58
0x00
R/W
0x175
LUT58_FILTER
[7:0]
HPF_58
LPF_58
0x00
R/W
0x176
LUT59_SW
[7:0]
SW_IN_
SET_59
SW_OUT_
SET_59
SW_IN_59
SW_OUT_59
0x00
R/W
0x177
LUT59_FILTER
[7:0]
HPF_59
LPF_59
0x00
R/W
0x178
LUT60_SW
[7:0]
SW_IN_
SET_60
SW_OUT_
SET_60
SW_IN_60
SW_OUT_60
0x00
R/W
0x179
LUT60_FILTER
[7:0]
HPF_60
LPF_60
0x00
R/W
0x17A
LUT61_SW
[7:0]
SW_IN_
SET_61
SW_OUT_
SET_61
SW_IN_61
SW_OUT_61
0x00
R/W
0x17B
LUT61_FILTER
[7:0]
HPF_61
LPF_61
0x00
R/W
0x17C
LUT62_SW
[7:0]
SW_IN_
SET_62
SW_OUT_
SET_62
SW_IN_62
SW_OUT_62
0x00
R/W
0x17D
LUT62_FILTER
[7:0]
HPF_62
LPF_62
0x00
R/W
0x17E
LUT63_SW
[7:0]
SW_IN_
SET_63
SW_OUT_
SET_63
SW_IN_63
SW_OUT_63
0x00
R/W
0x17F
LUT63_FILTER
[7:0]
HPF_63
LPF_63
0x00
R/W
0x180
LUT64_SW
[7:0]
SW_IN_
SET_64
SW_OUT_
SET_64
SW_IN_64
SW_OUT_64
0x00
R/W
0x181
LUT64_FILTER
[7:0]
HPF_64
LPF_64
0x00
R/W
0x182
LUT65_SW
[7:0]
SW_IN_
SET_65
SW_OUT_
SET_65
SW_IN_65
SW_OUT_65
0x00
R/W
0x183
LUT65_FILTER
[7:0]
HPF_65
LPF_65
0x00
R/W
0x184
LUT66_SW
[7:0]
SW_IN_
SET_66
SW_OUT_
SET_66
SW_IN_66
SW_OUT_66
0x00
R/W
0x185
LUT66_FILTER
[7:0]
HPF_66
LPF_66
0x00
R/W
0x186
LUT67_SW
[7:0]
SW_IN_
SET_67
SW_OUT_
SET_67
SW_IN_67
SW_OUT_67
0x00
R/W
0x187
LUT67_FILTER
[7:0]
HPF_67
LPF_67
0x00
R/W
0x188
LUT68_SW
[7:0]
SW_IN_
SET_68
SW_OUT_
SET_68
SW_IN_68
SW_OUT_68
0x00
R/W
0x189
LUT68_FILTER
[7:0]
HPF_68
LPF_68
0x00
R/W
0x18A
LUT69_SW
[7:0]
SW_IN_
SET_69
SW_OUT_
SET_69
SW_IN_69
SW_OUT_69
0x00
R/W
0x18B
LUT69_FILTER
[7:0]
HPF_69
LPF_69
0x00
R/W
0x18C
LUT70_SW
[7:0]
SW_IN_
SET_70
SW_OUT_
SET_70
SW_IN_70
SW_OUT_70
0x00
R/W
0x18D
LUT70_FILTER
[7:0]
HPF_70
LPF_70
0x00
R/W
0x18E
LUT71_SW
[7:0]
SW_IN_
SET_71
SW_OUT_
SET_71
SW_IN_71
SW_OUT_71
0x00
R/W
0x18F
LUT71_FILTER
[7:0]
HPF_71
LPF_71
0x00
R/W
0x190
LUT72_SW
[7:0]
SW_IN_
SET_72
SW_OUT_
SET_72
SW_IN_72
SW_OUT_72
0x00
R/W
0x191
LUT72_FILTER
[7:0]
HPF_72
LPF_72
0x00
R/W
0x192
LUT73_SW
[7:0]
SW_IN_
SET_73
SW_OUT_
SET_73
SW_IN_73
SW_OUT_73
0x00
R/W
0x193
LUT73_FILTER
[7:0]
HPF_73
LPF_73
0x00
R/W
0x194
LUT74_SW
[7:0]
SW_IN_
SET_74
SW_OUT_
SET_74
SW_IN_74
SW_OUT_74
0x00
R/W
0x195
LUT74_FILTER
[7:0]
HPF_74
LPF_74
0x00
R/W
0x196
LUT75_SW
[7:0]
SW_IN_
SET_75
SW_OUT_
SET_75
SW_IN_75
SW_OUT_75
0x00
R/W
0x197
LUT75_FILTER
[7:0]
HPF_75
LPF_75
0x00
R/W
0x198
LUT76_SW
[7:0]
SW_IN_
SET_76
SW_OUT_
SET_76
SW_IN_76
SW_OUT_76
0x00
R/W
0x199
LUT76_FILTER
[7:0]
HPF_76
LPF_76
0x00
R/W
0x19A
LUT77_SW
[7:0]
SW_IN_
SET_77
SW_OUT_
SET_77
SW_IN_77
SW_OUT_77
0x00
R/W
0x19B
LUT77_FILTER
[7:0]
HPF_77
LPF_77
0x00
R/W
0x19C
LUT78_SW
[7:0]
SW_IN_
SET_78
SW_OUT_
SET_78
SW_IN_78
SW_OUT_78
0x00
R/W
0x19D
LUT78_FILTER
[7:0]
HPF_78
LPF_78
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com