Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 22Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 23Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 24Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 25Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 26Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 27Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 28Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 29Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 26 of 36
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x1FA
LUT125_SW
[7:0]
SW_IN_
SET_125
SW_OUT_
SET_125
SW_IN_125
SW_OUT_125
0x00
R/W
0x1FB
LUT125_FILTER
[7:0]
HPF_125
LPF_125
0x00
R/W
0x1FC
LUT126_SW
[7:0]
SW_IN_
SET_126
SW_OUT_
SET_126
SW_IN_126
SW_OUT_126
0x00
R/W
0x1FD
LUT126_FILTER
[7:0]
HPF_126
LPF_126
0x00
R/W
0x1FE
LUT127_SW
[7:0]
SW_IN_
SET_127
SW_OUT_
SET_127
SW_IN_127
SW_OUT_127
0x00
R/W
0x1FF
LUT127_FILTER
[7:0]
HPF_127
LPF_127
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com