Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 25 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 21Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 22Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 23Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 24Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 25Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 26Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 27Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 28Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 25 of 36
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x1CC
LUT102_SW
[7:0]
SW_IN_
SET_102
SW_OUT_
SET_102
SW_IN_102
SW_OUT_102
0x00
R/W
0x1CD
LUT102_FILTER
[7:0]
HPF_102
LPF_102
0x00
R/W
0x1CE
LUT103_SW
[7:0]
SW_IN_
SET_103
SW_OUT_
SET_103
SW_IN_103
SW_OUT_103
0x00
R/W
0x1CF
LUT103_FILTER
[7:0]
HPF_103
LPF_103
0x00
R/W
0x1D0
LUT104_SW
[7:0]
SW_IN_
SET_104
SW_OUT_
SET_104
SW_IN_104
SW_OUT_104
0x00
R/W
0x1D1
LUT104_FILTER
[7:0]
HPF_104
LPF_104
0x00
R/W
0x1D2
LUT105_SW
[7:0]
SW_IN_
SET_105
SW_OUT_
SET_105
SW_IN_105
SW_OUT_105
0x00
R/W
0x1D3
LUT105_FILTER
[7:0]
HPF_105
LPF_105
0x00
R/W
0x1D4
LUT106_SW
[7:0]
SW_IN_
SET_106
SW_OUT_
SET_106
SW_IN_106
SW_OUT_106
0x00
R/W
0x1D5
LUT106_FILTER
[7:0]
HPF_106
LPF_106
0x00
R/W
0x1D6
LUT107_SW
[7:0]
SW_IN_
SET_107
SW_OUT_
SET_107
SW_IN_107
SW_OUT_107
0x00
R/W
0x1D7
LUT107_FILTER
[7:0]
HPF_107
LPF_107
0x00
R/W
0x1D8
LUT108_SW
[7:0]
SW_IN_
SET_108
SW_OUT_
SET_108
SW_IN_108
SW_OUT_108
0x00
R/W
0x1D9
LUT108_FILTER
[7:0]
HPF_108
LPF_108
0x00
R/W
0x1DA
LUT109_SW
[7:0]
SW_IN_
SET_109
SW_OUT_
SET_109
SW_IN_109
SW_OUT_109
0x00
R/W
0x1DB
LUT109_FILTER
[7:0]
HPF_109
LPF_109
0x00
R/W
0x1DC
LUT110_SW
[7:0]
SW_IN_
SET_110
SW_OUT_
SET_110
SW_IN_110
SW_OUT_110
0x00
R/W
0x1DD
LUT110_FILTER
[7:0]
HPF_110
LPF_110
0x00
R/W
0x1DE
LUT111_SW
[7:0]
SW_IN_
SET_111
SW_OUT_
SET_111
SW_IN_111
SW_OUT_111
0x00
R/W
0x1DF
LUT111_FILTER
[7:0]
HPF_111
LPF_111
0x00
R/W
0x1E0
LUT112_SW
[7:0]
SW_IN_
SET_112
SW_OUT_
SET_112
SW_IN_112
SW_OUT_112
0x00
R/W
0x1E1
LUT112_FILTER
[7:0]
HPF_112
LPF_112
0x00
R/W
0x1E2
LUT113_SW
[7:0]
SW_IN_
SET_113
SW_OUT_
SET_113
SW_IN_113
SW_OUT_113
0x00
R/W
0x1E3
LUT113_FILTER
[7:0]
HPF_113
LPF_113
0x00
R/W
0x1E4
LUT114_SW
[7:0]
SW_IN_
SET_114
SW_OUT_
SET_114
SW_IN_114
SW_OUT_114
0x00
R/W
0x1E5
LUT114_FILTER
[7:0]
HPF_114
LPF_114
0x00
R/W
0x1E6
LUT115_SW
[7:0]
SW_IN_
SET_115
SW_OUT_
SET_115
SW_IN_115
SW_OUT_115
0x00
R/W
0x1E7
LUT115_FILTER
[7:0]
HPF_115
LPF_115
0x00
R/W
0x1E8
LUT116_SW
[7:0]
SW_IN_
SET_116
SW_OUT_
SET_116
SW_IN_116
SW_OUT_116
0x00
R/W
0x1E9
LUT116_FILTER
[7:0]
HPF_116
LPF_116
0x00
R/W
0x1EA
LUT117_SW
[7:0]
SW_IN_
SET_117
SW_OUT_
SET_117
SW_IN_117
SW_OUT_117
0x00
R/W
0x1EB
LUT117_FILTER
[7:0]
HPF_117
LPF_117
0x00
R/W
0x1EC
LUT118_SW
[7:0]
SW_IN_
SET_118
SW_OUT_
SET_118
SW_IN_118
SW_OUT_118
0x00
R/W
0x1ED
LUT118_FILTER
[7:0]
HPF_118
LPF_118
0x00
R/W
0x1EE
LUT119_SW
[7:0]
SW_IN_
SET_119
SW_OUT_
SET_119
SW_IN_119
SW_OUT_119
0x00
R/W
0x1EF
LUT119_FILTER
[7:0]
HPF_119
LPF_119
0x00
R/W
0x1F0
LUT120_SW
[7:0]
SW_IN_
SET_120
SW_OUT_
SET_120
SW_IN_120
SW_OUT_120
0x00
R/W
0x1F1
LUT120_FILTER
[7:0]
HPF_120
LPF_120
0x00
R/W
0x1F2
LUT121_SW
[7:0]
SW_IN_
SET_121
SW_OUT_
SET_121
SW_IN_121
SW_OUT_121
0x00
R/W
0x1F3
LUT121_FILTER
[7:0]
HPF_121
LPF_121
0x00
R/W
0x1F4
LUT122_SW
[7:0]
SW_IN_
SET_122
SW_OUT_
SET_122
SW_IN_122
SW_OUT_122
0x00
R/W
0x1F5
LUT122_FILTER
[7:0]
HPF_122
LPF_122
0x00
R/W
0x1F6
LUT123_SW
[7:0]
SW_IN_
SET_123
SW_OUT_
SET_123
SW_IN_123
SW_OUT_123
0x00
R/W
0x1F7
LUT123_FILTER
[7:0]
HPF_123
LPF_123
0x00
R/W
0x1F8
LUT124_SW
[7:0]
SW_IN_
SET_124
SW_OUT_
SET_124
SW_IN_124
SW_OUT_124
0x00
R/W
0x1F9
LUT124_FILTER
[7:0]
HPF_124
LPF_124
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com