Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 31 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 27Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 28Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 29Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 30Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 31Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 32Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 33Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 34Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 31 of 36
Address: 0x022, Reset: 0x00, Name: WR1_SW
Write Group 1: RF Input Switch Set
Write Group 1: RF Output Switch Position
Write Group 1: RF Output Switch Set
Write Group 1: RF Input Switch Position
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SW_IN_SET_WR1 (R/W)
[2:0] SW_OUT_WR1 (R/W)
[6] SW_OUT_SET_WR1 (R/W)
[5:3] SW_IN_WR1 (R/W)
Table 19. Bit Descriptions for WR1_SW
Bits
Bit Name
Description
Reset
Access
7
SW_IN_SET_WR1
Write Group 1: RF Input Switch Set. Sets the switch position to be as defined in Bits[5:3].
0x0
R/W
6
SW_OUT_SET_WR1
Write Group 1: RF Output Switch Set. Sets the switch position to be as defined in Bits[2:0].
0x0
R/W
[5:3]
SW_IN_WR1
Write Group 1: RF Input Switch Position. Defines the RF input switch position, as well as
which filter band is adjusted by the corresponding HPF state bits.
0x0
R/W
000: Bypass.
001: Band 1.
010: Band 2.
011: Band 3.
100: Band 4.
[2:0]
SW_OUT_WR1
Write Group 1: RF Output Switch Position. Defines the RF output switch position, as well
as which filter band is adjusted by the corresponding LPF state bits.
0x0
R/W
000: bypass.
001: Band 1.
010: Band 2.
011: Band 3.
100: Band 4.
Address: 0x023, Reset: 0x00, Name: WR1_FILTER
Write Group 1: HPF State
Write Group 1: LPF State
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] HPF_WR1 (R/W)
[3:0] LPF_WR1 (R/W)
Table 20. Bit Descriptions for WR1_FILTER
Bits
Bit Name
Description
Reset
Access
[7:4]
HPF_WR1
Write Group 1: HPF State. The selected band is determined by the WR1_SW register, Bits[5:3].
0x0
R/W
[3:0]
LPF_WR1
Write Group 1: LPF State. The selected band is determined by the WR1_SW register, Bits[2:0].
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com