Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 14Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 15Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 16Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 17Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 18Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 19Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 20Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 21Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 18 of 36
APPLICATIONS INFORMATION
PCB DESIGN GUIDELINES
The PCB used to implement the ADMV8818-EP must use a
high quality dielectric material between the top metallization
layer and internal ground layer, such as the Rogers 4003 or the
Rogers 4350. All other dielectric layers of the PCB can be standard
material, such as the Isola 370HR. The characteristic impedance
of the transmission lines to the RFIN and RFOUT pins of the
ADMV8818-EP must be carefully controlled to 50 Ω to ensure
optimal RF performance. Connect the GND pins and exposed
pads of the ADMV8818-EP directly to the ground plane of the
PCB. Use a sufficient number of via holes to connect the top
and bottom ground planes of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com