Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 29 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 25Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 26Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 27Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 28Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 29Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 30Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 31Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 32Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 29 of 36
Address: 0x010, Reset: 0x00, Name: FAST_LATCH_POINTER
Fast Latch Load
Fast Latch Pointer
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] FAST_LATCH_LOAD (R/W)
[6:0] FAST_LATCH_POINTER (R/W)
Table 12. Bit Descriptions for FAST_LATCH_POINTER
Bits
Bit Name
Description
Reset
Access
7
FAST_LATCH_LOAD
Fast Latch Load. Loads the pointer location into the internal state machine for fast
latch mode. The FAST_LATCH_LOAD bit self resets to zero.
0x0
R/W
[6:0]
FAST_LATCH_POINTER
Fast Latch Pointer. Determines the pointer location within the fast latch lookup table.
0x0
R/W
Address: 0x011, Reset: 0x7F, Name: FAST_LATCH_STOP
Fast Latch Stop Index
0
1
1
1
2
1
3
1
4
1
5
1
6
1
7
0
[7] RESERVED
[6:0] FAST_LATCH_STOP (R/W)
Table 13. Bit Descriptions for FAST_LATCH_STOP
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
FAST_LATCH_STOP
Fast Latch Stop Index. Sets the stop index within the fast latch lookup table.
0x7F
R/W
Address: 0x012, Reset: 0x00, Name: FAST_LATCH_START
Fast Latch Start Index
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] RESERVED
[6:0] FAST_LATCH_START (R/W)
Table 14. Bit Descriptions for FAST_LATCH_START
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
FAST_LATCH_START
Fast Latch Start Index. Sets the start index within the fast latch lookup table. Note that,
when exiting and then re-entering fast latch mode (SFL pin), the internal state machine
resumes where it left off and not at the start index. If a new start index is programmed, it
may be necessary to sequence through a number of states from the point at which the
state machine left off. This action is necessary for a positive incremental direction. For a
negative decremental direction, this action is necessary for the stop index.
0x0
R/W
Address: 0x013, Reset: 0x00, Name: FAST_LATCH_DIRECTION
Fast Latch Direction
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] FAST_LATCH_DIRECTION (R/W)
Table 15. Bit Descriptions for FAST_LATCH_DIRECTION
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
FAST_LATCH_DIRECTION
Fast Latch Direction. Determines which direction to sequence within the fast latch
lookup table.
0x0
R/W
0: increment.
1: decrement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com