Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 12Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 13Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 14Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 15Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 16Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 17Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 18Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 19Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 16 of 36
SCLK
REGISTER MAP
PARAMETERS AND
LOOKUP TABLE
INTERNAL STATE
MACHINE
START LOCATION
...
STOP LOCATION
WR
SDO
SDI
CS
SFL
FILTERS
Figure 36. Simplified SPI Diagram
SPI WRITE MODE
SPI write mode has five write groupings, WR0 through WR4 in
Register 0x020 through Register 0x029. The groupings can be
thought of as a small lookup table for SPI write mode. Each
grouping consists of the following:
•
RFIN switch position
•
RFIN switch set
•
RFOUT switch position
•
RFOUT switch set
•
HPF state
•
LPF state
See the Register Details section for an example of the write
grouping of WR0 (Register 0x020 and Register 0x021).
SWITCH POSITIONS
The RFIN switch position dictates where the HPF state bits are
assigned, and the RFOUT switch position dictates where the
LPF state bits are assigned. For example, in the WR0_SW write
group (Register 0x020), when SW_IN_WR0 is set for Band 1 and
SW_OUT_WR0 is set for Band 2, HPF_WR0 and LPF_WR0
(Register 0x021) are applied to HPF 1 and LPF 2, respectively.
SWITCH SET
The RFIN switch set bit is used to determine if the RFIN switch
position is moved to that setting. Similarly, the RFOUT switch
set bit is used to determine if the RFOUT switch position is moved
to that setting. This functionality is useful for configuring a filter to
a known state and leaving the switch position unchanged (switch
set bits low). For most applications, the switch set bits are high.
FILTER SETTINGS
Each high-pass filter and low-pass filter contains 16 states (4 bits).
A value of zero corresponds to setting the f3dB of the filter to its
lowest possible frequency. Conversely, a value of 15 corresponds to
setting the f3dB of the filter to its highest possible frequency.
WRITE GROUP PRIORITY
In SPI write mode, because there are five write groupings, it is
possible that multiple RFIN switch set bits or RFOUT switch
set bits are high. The behavior of the switches depends on the
type of SPI transaction, either streaming or single instruction.
In general, there are two types of SPI streaming transactions,
Endian register ascending order and descending order. The
ADMV8818-EP supports the ascending order only. To enable
SPI streaming with Endian register ascending order, program
Register 0x000 to 0x3C.
For SPI streaming transactions (recommended), the priority
order for the RFIN switch set bits and the RFOUT switch set
bits is WR0 to WR4.
The SPI streaming transaction for Register 0x020 to Register 0x029
then points to Address 0x020 and streams out 10 bytes of data.
The SPI streaming transaction is 96 bits in total (R/W bit +
15 address bits + 80 data bits).
An example of the priority order for an SPI streaming transaction
follows: if the switch set bits are high for both WR1 and WR2, the
resulting switch positions are the positions programmed in WR1.
For SPI single instruction transactions, the most recently
programmed RFIN switch set and RFOUT switch set takes
effect to move the switch positions. To use SPI single instruction
transactions, the switch register must be written first followed
by the filter setting register. For example, to use write grouping
WR0, Register 0x020 is written first using a 24-bit transaction
(R/W bit + 15 address bits + 8 data bits, followed by writing
Register 0x021 also using a 24-bit transaction.
FREQUENCY TERMINOLOGY
Because the ADMV8818-EP is designed to operate over a wide
frequency range, there is frequency dependent insertion loss
that results in a negative slope vs. frequency. Additionally,
depending upon the selected filter and the state, there may also
be ripple within the pass band. Given these characteristics, a proper
definition is necessary to establish a reference frequency (fREF)
from which the f3dB for each filter can be computed.
Analog Devices has found that a consistent methodology
for determining the fREF and f3dB is to rely on the group delay
performance of a filter. The following is the methodology used
for determining the ADMV8818-EP specifications:
1. Find the peak group delay (GDPEAK) and peak group delay
frequency (fPEAK) as the filter insertion loss (S21) begins to
roll off.
2. For a low-pass filter, divide fPEAK by 2 to find the average
frequency (fAVG). For a high-pass filter, multiply fPEAK by 2.
Once fAVG is calculated, determine the group delay at this
frequency. Generally, the group delay is flat and approximately
equal to the average at this particular frequency (fAVG).
3. Take the mathematical mean of the group delay from Step 1
and Step 2 to find the reference group delay (GDREF), and
then find the corresponding fREF and reference insertion
loss (ILREF) for this group delay.
4. Subtract 3 dB from the ILREF to find the 3 dB insertion loss
(IL3dB), and then find the corresponding f3dB.
SPI FAST LATCH MODE
The ADMV8818-EP has a 128 state lookup table and an
internal state machine that is useful for quickly changing filter
states in SPI fast latch mode. When the SFL pin is high, SPI fast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com