Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 20Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 21Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 22Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 23Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 24Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 25Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 26Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 27Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 24 of 36
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x19E
LUT79_SW
[7:0]
SW_IN_
SET_79
SW_OUT_
SET_79
SW_IN_79
SW_OUT_79
0x00
R/W
0x19F
LUT79_FILTER
[7:0]
HPF_79
LPF_79
0x00
R/W
0x1A0
LUT80_SW
[7:0]
SW_IN_
SET_80
SW_OUT_
SET_80
SW_IN_80
SW_OUT_80
0x00
R/W
0x1A1
LUT80_FILTER
[7:0]
HPF_80
LPF_80
0x00
R/W
0x1A2
LUT81_SW
[7:0]
SW_IN_
SET_81
SW_OUT_
SET_81
SW_IN_81
SW_OUT_81
0x00
R/W
0x1A3
LUT81_FILTER
[7:0]
HPF_81
LPF_81
0x00
R/W
0x1A4
LUT82_SW
[7:0]
SW_IN_
SET_82
SW_OUT_
SET_82
SW_IN_82
SW_OUT_82
0x00
R/W
0x1A5
LUT82_FILTER
[7:0]
HPF_82
LPF_82
0x00
R/W
0x1A6
LUT83_SW
[7:0]
SW_IN_
SET_83
SW_OUT_
SET_83
SW_IN_83
SW_OUT_83
0x00
R/W
0x1A7
LUT83_FILTER
[7:0]
HPF_83
LPF_83
0x00
R/W
0x1A8
LUT84_SW
[7:0]
SW_IN_
SET_84
SW_OUT_
SET_84
SW_IN_84
SW_OUT_84
0x00
R/W
0x1A9
LUT84_FILTER
[7:0]
HPF_84
LPF_84
0x00
R/W
0x1AA
LUT85_SW
[7:0]
SW_IN_
SET_85
SW_OUT_
SET_85
SW_IN_85
SW_OUT_85
0x00
R/W
0x1AB
LUT85_FILTER
[7:0]
HPF_85
LPF_85
0x00
R/W
0x1AC
LUT86_SW
[7:0]
SW_IN_
SET_86
SW_OUT_
SET_86
SW_IN_86
SW_OUT_86
0x00
R/W
0x1AD
LUT86_FILTER
[7:0]
HPF_86
LPF_86
0x00
R/W
0x1AE
LUT87_SW
[7:0]
SW_IN_
SET_87
SW_OUT_
SET_87
SW_IN_87
SW_OUT_87
0x00
R/W
0x1AF
LUT87_FILTER
[7:0]
HPF_87
LPF_87
0x00
R/W
0x1B0
LUT88_SW
[7:0]
SW_IN_
SET_88
SW_OUT_
SET_88
SW_IN_88
SW_OUT_88
0x00
R/W
0x1B1
LUT88_FILTER
[7:0]
HPF_88
LPF_88
0x00
R/W
0x1B2
LUT89_SW
[7:0]
SW_IN_
SET_89
SW_OUT_
SET_89
SW_IN_89
SW_OUT_89
0x00
R/W
0x1B3
LUT89_FILTER
[7:0]
HPF_89
LPF_89
0x00
R/W
0x1B4
LUT90_SW
[7:0]
SW_IN_
SET_90
SW_OUT_
SET_90
SW_IN_90
SW_OUT_90
0x00
R/W
0x1B5
LUT90_FILTER
[7:0]
HPF_90
LPF_90
0x00
R/W
0x1B6
LUT91_SW
[7:0]
SW_IN_
SET_91
SW_OUT_
SET_91
SW_IN_91
SW_OUT_91
0x00
R/W
0x1B7
LUT91_FILTER
[7:0]
HPF_91
LPF_91
0x00
R/W
0x1B8
LUT92_SW
[7:0]
SW_IN_
SET_92
SW_OUT_
SET_92
SW_IN_92
SW_OUT_92
0x00
R/W
0x1B9
LUT92_FILTER
[7:0]
HPF_92
LPF_92
0x00
R/W
0x1BA
LUT93_SW
[7:0]
SW_IN_
SET_93
SW_OUT_
SET_93
SW_IN_93
SW_OUT_93
0x00
R/W
0x1BB
LUT93_FILTER
[7:0]
HPF_93
LPF_93
0x00
R/W
0x1BC
LUT94_SW
[7:0]
SW_IN_
SET_94
SW_OUT_
SET_94
SW_IN_94
SW_OUT_94
0x00
R/W
0x1BD
LUT94_FILTER
[7:0]
HPF_94
LPF_94
0x00
R/W
0x1BE
LUT95_SW
[7:0]
SW_IN_
SET_95
SW_OUT_
SET_95
SW_IN_95
SW_OUT_95
0x00
R/W
0x1BF
LUT95_FILTER
[7:0]
HPF_95
LPF_95
0x00
R/W
0x1C0
LUT96_SW
[7:0]
SW_IN_
SET_96
SW_OUT_
SET_96
SW_IN_96
SW_OUT_96
0x00
R/W
0x1C1
LUT96_FILTER
[7:0]
HPF_96
LPF_96
0x00
R/W
0x1C2
LUT97_SW
[7:0]
SW_IN_
SET_97
SW_OUT_
SET_97
SW_IN_97
SW_OUT_97
0x00
R/W
0x1C3
LUT97_FILTER
[7:0]
HPF_97
LPF_97
0x00
R/W
0x1C4
LUT98_SW
[7:0]
SW_IN_
SET_98
SW_OUT_
SET_98
SW_IN_98
SW_OUT_98
0x00
R/W
0x1C5
LUT98_FILTER
[7:0]
HPF_98
LPF_98
0x00
R/W
0x1C6
LUT99_SW
[7:0]
SW_IN_
SET_99
SW_OUT_
SET_99
SW_IN_99
SW_OUT_99
0x00
R/W
0x1C7
LUT99_FILTER
[7:0]
HPF_99
LPF_99
0x00
R/W
0x1C8
LUT100_SW
[7:0]
SW_IN_
SET_100
SW_OUT_
SET_100
SW_IN_100
SW_OUT_100
0x00
R/W
0x1C9
LUT100_FILTER
[7:0]
HPF_100
LPF_100
0x00
R/W
0x1CA
LUT101_SW
[7:0]
SW_IN_
SET_101
SW_OUT_
SET_101
SW_IN_101
SW_OUT_101
0x00
R/W
0x1CB
LUT101_FILTER
[7:0]
HPF_101
LPF_101
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com