Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 11Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 12Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 13Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 14Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 15Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 16Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 17Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 18Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 15 of 36
L1
RFIN
RFOUT
L2
L3
C1
C2
C3
C4
Figure 33. HPF 1 Simplified Schematic
The HPF 2, HPF 3, and HPF 4 filters share the same architecture as
the HPF 1 filter. However, the filter order is increased with respect
to the frequency to achieve a similar rejection response for all
filters.
TUNABLE LOW-PASS FILTERS
Figure 34 shows a simplified schematic of the LPF 1, which is a
Chebyshev type filter. The f3dB can be adjusted by varying
Capacitor C1 to Capacitor C4. These tunable capacitors are
constructed with 4-bit digital capacitor arrays, providing 16
distinct values. The step size of these tunable capacitors is
adjusted so that each digital binary code increment creates
approximately the same increment in the f3dB.
L1
L2
L3
RFIN
RFOUT
C1
C2
C3
C4
Figure 34. LPF 1 Simplified Schematic
The LPF 2, LPF 3, and LPF 4 filters share the same architecture as
the LPF 1 filter. However, the filter order is increased with respect
to the frequency to achieve a similar rejection response for all
filters.
SPI CONFIGURATION
The SPI of the ADMV8818-EP allows configuration of the
device for specific functions or operations via the 5-pin SPI
port. This interface provides users with added flexibility and
customization. The SPI consists of five control lines: SFL, SCLK,
SDI, SDO, and CS. For normal SPI operations, keep the SFL pin
low.
The SPI protocol consists of an R/W bit followed by 15 register
address bits and 8 data bits. The address field and data field are
organized MSB first and end with the LSB.
Set the MSB to 0 for a write operation and set the MSB to 1 for a
read operation. The write cycle must be sampled on the rising
edge of SCLK. The 24 bits of the serial write address and data are
shifted in on the SDI control line, MSB to LSB. The ADMV8818-
EP input logic level for the write cycle supports a 3.3 V
interface.
For a read cycle, the R/W bit and the 15 register address bits
shift in on the rising edge of SCLK on the SDI control line. Then,
8 bits of serial read data shift out on the SDO control line, MSB
first, on the falling edge of SCLK. The output logic level for a
read cycle is 3.3 V. The output drivers of the SDO are enabled
after the last rising edge of SCLK of the instruction cycle and
remain active until the end of the read cycle. In a read operation,
when CS is deasserted, SDO returns to high impedance until the
next read transaction. CS is active low and must be deasserted
at the end of the write or read sequence.
An active low input on CS starts and gates a communication
cycle. The CS pin allows more than one device to be used on
the same serial communications lines. The SDO pin goes to a
high impedance state when the CS input is high. During the
communication cycle, the chip select must stay low. The SPI
communications protocol follows the Analog Devices SPI
standard. For more information, see the ADI-SPI Serial
Control Interface Standard (Rev 1.0).
RF CONNECTIONS
The RFIN and RFOUT pins of the ADMV8818-EP are dc-
coupled to on-chip RF switches. If a dc voltage is present on the
RFIN and RFOUT pins from other components within the
system, it is recommended to place dc blocking capacitors in series
with these pins. The dc blocking capacitors must be selected
based on the operating frequency of the filter. Generally, a
value greater than 100 pF is sufficient to minimize insertion
loss at the lower frequencies of operation. At higher frequencies
of operation, it may be necessary to consider the parasitic elements
of the selected capacitor. Figure 35 shows a general model of a
capacitor with the parasitic elements. The parasitic series
inductance (LESL) is typically of most concern given that its
impedance can become dominant at frequencies above 10 GHz.
The other parasitic elements, including the leakage resistance
(RL), the dielectric absorption resistance (RDA), the dielectric
absorption capacitance (CDA), and electrical series resistance (RESR)
are less critical elements for consideration but are shown here for
completeness.
LESL
C
RL
RESR
RDA CDA
Figure 35. General Model of a Capacitor
MODE SELECTION
The ADMV8818-EP has two modes of operation: SPI write and
SPI fast latch. SPI write mode is the normal operating mode,
whereas SPI fast latch mode is used to sequence through the
on-chip lookup table (LUT) using the internal state machine.
To select SPI write mode, set the SFL pin low. For operation in
SPI fast latch mode, program the on-chip lookup table and fast
latch parameters with the SFL pin low, and then bring the SFL
pin high to enter this mode. Figure 36 shows a simplified
representation of the SPI with the register map and internal
state machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com