Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 4Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 5Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 6Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 7Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 8Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 9Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 10Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 11Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADMV8818-EP
Enhanced Product
Rev. A | Page 8 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
GND
GND
GND
GND
GND
RFIN
GND
GND
GND
GND
GND
GND
RST
1
2
3
29
30
31
32
33
34
35
36
37
38
39
40
41
42
4
5
6
7
8
9
10
11
12
13
14
ADMV8818-EP
TOP VIEW
(Not to Scale)
GND
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO THE RF AND DC GROUND.
VSS1 (–2.5V)
GND
VDD2 (+3.3V)
GND
GND
RFOUT
GND
GND
GND
GND
VDD1 (+2.5V)
GND
GND
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 6, 8 to 13, 15, 17, 19,
21, 23, 25 to 30, 32 to
35, 37, 38, 40, 42 to 56
GND
Ground. Connect the GND pins to the RF and dc ground.
7
RFIN
RF Input Pin. RFIN is dc-coupled and matched to 50 Ω. Do not apply an external voltage to RFIN.
14
RST
Chip Reset. 3.3 V logic. Active low. The RST pin is internally pulled high with a 260 kΩ resistor.
16
SCLK
Serial Peripheral Interface (SPI) Clock. 3.3 V logic. The SCLK pin is internally pulled low with a
260 kΩ resistor.
18
CS
SPI Chip Select. 3.3 V logic. Active low. The CS pin is internally pulled low with a 260 kΩ resistor.
20
SDO
SPI Data Output. 3.3 V logic. The SDO pin is internally pulled low with a 260 kΩ resistor.
22
SDI
SPI Data Input. 3.3 V logic. The SDI pin is internally pulled low with a 260 kΩ resistor.
24
SFL
SPI Fast Latch Enable. 3.3 V logic. Set SFL high to enable fast latching of filter states on each
rising edge of CS. While SFL is in this mode, the SCLK, SDO, and SDI pins are not active. The SFL
pin is internally pulled low with a 260 kΩ resistor.
31
VDD1
2.5 V Power Supply Pin. Place 0.1 µF and 100 pF decoupling capacitors close to VDD1.
36
RFOUT
RF Output Pin. RFOUT is dc-coupled and matched to 50 Ω. Do not apply an external voltage to RFOUT.
39
VDD2
3.3 V Power Supply Pin. Place 0.1 µF and 100 pF decoupling capacitors close to VDD2.
41
VSS1
–2.5 V Power Supply Pin. Place 0.1 µF and 100 pF decoupling capacitors close to VSS1.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com