Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 27 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 23Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 24Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 25Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 26Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 27Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 28Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 29Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 30Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 27 of 36
REGISTER DETAILS
Note that the LUT1_SW to LUT127_FILTER bit fields functionality (Register 0x102 to Register 0x1FF) is identical to LUT0_SW and
LUT0_FILTER bit fields functionality (Register 0x100 and Register 0x101). See Table 6 for the register address information.
Address: 0x000, Reset: 0x00, Name: ADI_SPI_CONFIG_A
Soft Reset
Soft Reset
LSB First
LSB First
Endian
Endian
SDO Active
SDO Active
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SOFTRESET_ (R/W)
[0] SOFTRESET (R/W)
[6] LSB_FIRST_ (R/W)
[1] LSB_FIRST (R/W)
[5] ENDIAN_ (R/W)
[2] ENDIAN (R/W)
[4] SDOACTIVE_ (R/W)
[3] SDOACTIVE (R/W)
Table 7. Bit Descriptions for ADI_SPI_CONFIG_A
Bits
Bit Name
Description
Reset
Access
7
SOFTRESET_
Soft Reset.
0x0
R/W
0: reset asserted.
1: reset not asserted.
6
LSB_FIRST_
LSB First.
0x0
R/W
0: LSB first.
1: MSB first.
5
ENDIAN_
Endian.
0x0
R/W
0: Little Endian.
1: Big Endian.
4
SDOACTIVE_
SDO Active.
0x0
R/W
0: SDO inactive.
1: SDO active.
3
SDOACTIVE
SDO Active.
0x0
R/W
0: SDO inactive.
1: SDO active.
2
ENDIAN
Endian.
0x0
R/W
0: Little Endian.
1: Big Endian.
1
LSB_FIRST
LSB First.
0x0
R/W
0: LSB first.
1: MSB first.
0
SOFTRESET
Soft Reset.
0x0
R/W
0: Reset asserted.
1: Reset not asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com