Electronic Components Datasheet Search
  English  ▼

X  

ADMV8818SCCZ-EP-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV8818SCCZ-EP-R2
Description  2 GHz to 18 GHz, Digitally Tunable, High-Pass and Low-Pass Filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8818SCCZ-EP-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV8818SCCZ-EP-R2 Datasheet HTML 13Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 14Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 15Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 16Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 17Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 18Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 19Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 20Page - Analog Devices ADMV8818SCCZ-EP-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Enhanced Product
ADMV8818-EP
Rev. A | Page 17 of 36
latch mode is enabled, and the internal state machine sequences
on each rising edge of the CS pin.
The lookup table has 128 groupings, LUT0 through LUT127, in
Register 0x100 through Register 0x1FF. Each grouping consists
of the same type of parameters as those of SPI write mode.
The functionality of the switch positions and filter state bits for
SPI fast latch mode is similar to those of SPI write mode. That is,
the filter state bits are assigned based on the switch position bits.
However, the switch set parameters do not contain any priority.
If the RFIN switch set bits and RFOUT switch set bits are
enabled for a particular LUT, the switch positions change.
The functionality of the internal state machine is such that on
each rising edge of the CS pin, the internal state machine sequences
a pointer based on the programmed direction. The internal
state machine has the following parameters:
•
FAST_LATCH_POINTER (Register 0x010)
•
FAST_LATCH_LOAD (Register 0x010)
•
FAST_LATCH_STOP (Register 0x011)
•
FAST_LATCH_START (Register 0x012)
•
FAST_LATCH_DIRECTION (Register 0x013)
•
FAST_LATCH_STATE (Register 0x014)
The FAST_LATCH_STATE is the next LUT grouping that is
selected on the next rising edge of the CS pin. The FAST_LATCH_
STATE is considered the internal pointer location.
The internal pointer location can be changed by using the FAST_
LATCH_LOAD and FAST_LATCH_POINTER bits. When the
FAST_LATCH_LOAD bit is set high, the FAST_LATCH_
POINTER value is loaded into the internal pointer. The FAST_
LATCH_LOAD bit is self resetting after the load operation
completes.
When the FAST_LATCH_DIRECTION bit is set to zero, the
sequencing direction is incremental. When the FAST_LATCH_
DIRECTION bit is set to one, the sequencing direction is
decremental.
The FAST_LATCH_START and FAST_LATCH_STOP bits are
used to set the start and stop location, respectively. For incremental
direction, the internal state machine sequences from the start
location to the stop location and then rolls over to the start
location. For the decremental direction, the sequence is from
the stop location to the start location and then rolls over to the
stop location.
The FAST_LATCH_STATE value can fall outside of the start
and stop locations, which occurs if the start and stop locations
are updated and the internal pointer is left unchanged from its
prior value. If this situation occurs, additional LUT groupings
are selected before the FAST_LATCH_STATE value eventually
falls within the start and stop locations. For example, if the FAST_
LATCH_STATE value is 12, the direction is incremental, the start
location is 15, and the stop location is 31, the LUT groupings
selected on the next six rising edges of the CS pin are the LUT
grouping numbers, 12, 13, 14, 15, 16, and 17.
CHIP RESET
There are two methods that can be used to reset the ADMV8818-
EP registers to their default power-on state, a hard reset and a
soft reset. The hard reset utilizes the RST pin, and the soft reset
utilizes Register 0x000.
To perform a hard reset, momentarily bring the RST pin low
and then high. See Figure 2 for the minimum required duration
time for the RST pin to be low.
To perform a soft reset, program Register 0x000 to a value of 0x81.
This action sets the SOFTRESET and SOFTRESET_ bits high to
initiate the reset. The SOFTRESET and SOFTRESET_ bits are
self resetting once the reset operation is complete.
Regardless of the reset method used, it is recommended to
perform the following after the chip resets:
•
Program Register 0x000 to 0x3C to enable the SDO pin
and allow SPI streaming with Endian ascending order.
•
Read back all registers on the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com