Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 45 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 45 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 41Page - Analog Devices LTM4664 Datasheet HTML 42Page - Analog Devices LTM4664 Datasheet HTML 43Page - Analog Devices LTM4664 Datasheet HTML 44Page - Analog Devices LTM4664 Datasheet HTML 45Page - Analog Devices LTM4664 Datasheet HTML 46Page - Analog Devices LTM4664 Datasheet HTML 47Page - Analog Devices LTM4664 Datasheet HTML 48Page - Analog Devices LTM4664 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 138 page
background image
LTM4664A
45
Rev. 0
For more information www.analog.com
Table 4. ASEL Pin Strapping Look-Up Table to Set the
LTM4664A’s PSM Slave Address (Applicable Regardless of
MFR_CONFIG_ALL[6] Setting)
RASEL* (kΩ)
SLAVE ADDRESS
Open
MFR_ADDRESS[6:0]_R/W
32.4
MFR_ADDRESS[6:4]_1111_R/W
22.6
MFR_ADDRESS[6:4]_1110_R/W
18.0
MFR_ADDRESS[6:4]_1101_R/W
15.4
MFR_ADDRESS[6:4]_1100_R/W
12.7
MFR_ADDRESS[6:4]_1011_R/W
10.7
MFR_ADDRESS[6:4]_1010_R/W
9.09
MFR_ADDRESS[6:4]_1001_R/W
7.68
MFR_ADDRESS[6:4]_1000_R/W
6.34
MFR_ADDRESS[6:4]_0111_R/W
5.23
MFR_ADDRESS[6:4]_0110_R/W
4.22
MFR_ADDRESS[6:4]_0101_R/W
3.24
MFR_ADDRESS[6:4]_0100_R/W
2.43
MFR_ADDRESS[6:4]_0011_R/W
1.65
MFR_ADDRESS[6:4]_0010_R/W
0.787
MFR_ADDRESS[6:4]_0001_R/W
0
MFR_ADDRESS[6:4]_0000_R/W
Where:
R/W = Read/Write bit in control byte
All PMBus device addresses listed in the specification are 7 bits wide
unless otherwise noted.
Note: The LTM4664A PSM will always respond to slave address 0x5A and
0x5B regardless of the NVM or ASEL resistor configuration values.
*RCFG value indicated is nominal. Select RCFG from a resistor vendor
such that its value is always within 3% of the value indicated in the table.
Take into account resistor initial tolerance, T.C.R. and resistor operating
temperatures, soldering heat/IR reflow, and endurance of the resistor
over its lifetime. Thermal shock cycling, moisture (humidity) and other
effects (depending on one’s specific application) could also affect RCFG’s
value over time. All such effects must be taken into account in order for
resistor pin-strapping to yield the expected result at every SVIN power-up
and/or every execution of MFR_RESET or RESTORE_USER_ALL, over the
lifetime of one’s product.
Example:
SGND_C0_C1
RASEL
ASEL PIN
Table 5. LTM4664A PSM MFR_ADDRESS Command Examples
Expressed in 7- and 8-Bit Addressing
DESCRIPTION
HEX DEVICE
ADDRESS
BIT
7-BIT
8-BIT
7 6 5 4 3 2 1 0 R/W
Rail4
0x5A
0xB4
0 1 0 1 1 0 1 0
0
Global4
0x5B
0xB6
0 1 0 1 1 0 1 1
0
Default
0x4F
0x9E
0 1 0 0 1 1 1 1
0
Example 1
0x40
0x80
0 1 0 0 0 0 0 0
0
Example 2
0x41
0x82
0 1 0 0 0 0 0 1
0
Disabled2,3
1 0 0 0 0 0 0 0
0
Note 1. This table can be applied to the MFR_RAIL_ADDRESSn
commands, but not the MFR_ADDRESS command.
Note 2. A disabled value in one command does not disable the device, nor
does it disable the global address.
Note 3. A disabled value in one command does not inhibit the device from
responding to device addresses specified in other commands.
Note 4. It is not recommended to write the value 0x00, 0x0C (7-bit), 0x5A
(7-bit), 0x5B (7-bit) or 0x7C(7-bit) to the MFR_CHANNEL_ADDRESSn or
the MFR_RAIL_ADDRESSn commands.
FAULT DETECTION AND HANDLING
A variety of fault and warning reporting and handling
mechanisms are available. Fault and warning detection
capabilities include:
n
Input OV FAULT Protection and UV Warning
n
Average Input OC Warn
n
Output OV/UV Fault and Warn Protection
n
Output OC Fault and Warn Protection
n
Internal control Die and Internal Module
Overtemperature Fault and Warn Protection
n
Internal Undertemperature Fault and Warn Protection
n
CML Fault (Communication, Memory or Logic)
n
External Fault Detection via the Bidirectional FAULT_Cn
Pins
In addition, the LTM4664A PSM can map any combi-
nation of fault indicators to their respective FAULT_Cn
pin using the propagate FAULTn response commands,
MFR_FAULT_ PROPAGATE. Typical usage of a FAULT_Cn
pin is as a driver for an external crowbar device, over-
temperature alert, overvoltage alert or as an interrupt
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com