Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 68 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 68 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 64Page - Analog Devices LTM4664 Datasheet HTML 65Page - Analog Devices LTM4664 Datasheet HTML 66Page - Analog Devices LTM4664 Datasheet HTML 67Page - Analog Devices LTM4664 Datasheet HTML 68Page - Analog Devices LTM4664 Datasheet HTML 69Page - Analog Devices LTM4664 Datasheet HTML 70Page - Analog Devices LTM4664 Datasheet HTML 71Page - Analog Devices LTM4664 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 138 page
background image
LTM4664A
68
Rev. 0
For more information www.analog.com
UNDERVOLTAGE LOCKOUT
The LTM4664A PSM is initialized by an internal thresh-
old-based UVLO where VINS3 must be approximately 4V
and INTVCC, VDD33, and VDD25 must be within approxi-
mately 20% of their regulated values. In addition, VDD33
must be within approximately 7% of the targeted value
before the RUN_Cn pin is released. After the part has
initialized, an additional comparator monitors VINS3. The
VIN_ON threshold must be exceeded before the power
sequencing can begin. When VINS3 drops below the VIN_
OFF threshold, the SHARE_CLK pin will be pulled low and
VINS3 must increase above the VIN_ON threshold before
the controller will restart. The normal start-up sequence
will be allowed after the VIN_ON threshold is crossed. If
FAULTB is held low when VINS3 is applied, ALERT will be
asserted low even if the part is programmed to not assert
ALERT when FAULTB is held low. If I2C communication
occurs before the LTM4664A is out of reset and only a
portion of the command is seen by the part, this can be
interpreted as a CML fault. If a CML fault is detected,
ALERT is asserted low.
It is possible to program the contents of the NVM in
the application if the VDD33 supply is externally driven
directly to VDD33 or through EXTVCC. This will activate the
digital portion of the LTM4664A PSM without engaging
the high voltage sections. PMBus communications are
valid in this supply configuration. If VINS3 has not been
applied to the LTM4664A PSM, bit 3 (NVM Not Initialized)
in MFR_COMMON will be asserted low. If this condition is
detected, the part will only respond to addresses 5A and
5B. To initialize the part issue the following set of com-
mands: global address 0x5B command 0xBD data 0x2B
followed by global address 5B command 0xBD and data
0xC4. The part will now respond to the correct address.
Configure the part as desired then issue a STORE_USER_
ALL. When VIN is applied a MFR_RESET command must
be issued to allow the PWM to be enabled and valid ADC
conversions to be read.
FAULT DETECTION AND HANDLING
The LTM4664A FAULT_Cn pins are configurable to indicate
a variety of faults including OV, UV, OC, OT, timing faults,
and peak over current faults. In addition, the FAULT_Cn
pins can be pulled low by external sources indicating a fault
in some other portion of the system. The fault response is
configurable and allows the following options:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the Time
Interval Specified in MFR_RETRY_DELAY
Refer to the PMBus section of the data sheet and the
PMBus specification for more details.
The OV response is automatic. If an OV condition is
detected, TGn goes low and BGn is asserted.
Fault logging is available on the LTM4664A PSM. The fault
logging is configurable to automatically store data when
a fault occurs that causes the unit to fault off. The header
portion of the fault logging table contains peak values. It
is possible to read these values at any time. This data will
be useful while troubleshooting the fault.
If the LTM4664A PSM internal temperature is in excess
of 85°C, writes into the NVM (other than fault logging)
are not recommended. The data will still be held in RAM,
unless the 3.3V supply UVLO threshold is reached. If the
die temperature exceeds 130°C all NVM communication
is disabled until the die temperature drops below 120°C.
OPEN-DRAIN PINS
The LTM4664A PSM has the following open-drain pins:
3.3V Pins
1. FAULT_Cn
2. SYNC
3. SHARE_CLK
4. PGOOD_Cn
5V Pins (5V pins operate correctly when pulled to 3.3V.)
1. RUN_Cn
2. ALERT
3. SCL
4. SDA
DUAL 25A/30A PSM APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com