Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 87 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 87 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 83Page - Analog Devices LTM4664 Datasheet HTML 84Page - Analog Devices LTM4664 Datasheet HTML 85Page - Analog Devices LTM4664 Datasheet HTML 86Page - Analog Devices LTM4664 Datasheet HTML 87Page - Analog Devices LTM4664 Datasheet HTML 88Page - Analog Devices LTM4664 Datasheet HTML 89Page - Analog Devices LTM4664 Datasheet HTML 90Page - Analog Devices LTM4664 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 138 page
background image
LTM4664A
87
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 48. Two Paralleled LTM4664A Producing 54V to 0.9VOUT at 120A. Integrated Power System Management Features
Accessible Over 2-Wire I2C/SMBus/PMBus Serial Interface
VOUT1A
ON/OFFA
VDD25A
VDD33A
VDD33A
INTVCCA
0.9V/120A
PGOODS1A
VOUT2A
VOUT2A
VOUT2A
PGOODVCORE
PGOODS1A
PGOODS2A
PGOODS2A
PGOODVCORE
+5V BIAS ≥ 50mA
PWMC0A
PWMC1A
OVP_SET
VOUT2A
CIRCUIT
BREAKER
TRIP
INTVCCA
VOUT1B
ON/OFFB
VDD25B
VDD33B
INTVCCB
PGOODS1B
VOUT2B
VOUT2B
VOUT2B
PGOODVCORE
PGOODS1B
PGOODS2A
PGOODS2A
PGOODVCORE
PWMC0B
PWMC1B
OVP_SET
VIN
VOUT2B
CIRCUIT
BREAKER
TRIP
VOSNS+
VOSNS+
VOSNS+
VOSNS+
VOSNS–
VDD25B
VOSNS–
VOSNS–
VDD25A
VDD25A
VOSNS–
SYNC
SYNC
SHARE_CLK
SHARE_CLK
SCL
SCL
SDA
SDA
ALERT
ALERT
2.2µF
×2
100V
MAIN BULK
10µF
4.7µF
10k
10k
10k
10k
6800pF
100pF
4.7µF
10k
10k
19.6k
7.5k
220µF
60.4k
4.7µF
1µF
1µF
10k
10k
10k
RSENSE
10m
10µF
10µF
×2
50V
VIN 40V–58V
100k
12.1k
100k
6.04k
36.5k
49.9k
5.1V
0.068µF
0.068µF
100k
100k
220µF
32.4k
2.2µF
MAIN BULK
40V–58V
4.7µF
1%
22.6k
4.7µF
19.6k
7.5k
10k
220µF
60.4k
4.7µF
1µF
1µF
RSENSE1
10m
10µF
×6
50V
10µF
×2
50V
100k
12.1k
100k
6.04k
36.5k
49.9k
5.1V
0.068µF
0.068µF
100k
100k
220µF
1%
1.65k
1%
1.65k
4:1 VOLTAGE DIVIDER
LOAD
TWO PHASE PSM 60A SECTION
VOUT RANGE = LOW
ILIM RANGE = LOW
FOR ALL CHANNELS
×6
50V
1%
1%
1%
1%
1%
1%
100V
25V
×4
×4
4V
×4
4V
14.3k
1%
14.3k
1%
1.65
1%
32.4k
1%
4:1 VOLTAGE DIVIDER
TWO PHASE PSM 60A SECTION
100V
×2
1%
1%
1%
1%
1%
1%
100V
10µF
×4
25V
×4
4V
×4
4V
COMPL
COMPH
COMPL
COMPH
470µF
×2
4V
VOSNS+_C0
VOSNS–_C0
VDD33
VDD25
INTVCC
VOUTC0
SCL
SDA
RUN_C0
SWC0
SWC1
PGOOD_C0
PGOOD_C1
VINS3_C0
VINS3_C1
VOSNS+_C1
VOUTC1
GND
VOSNS–_C1
GND
SGND_C0_C1
IN+
IN–
VOUT2
PGOODS1
FAULTS1
PGOODS2
FAULTS2
RUNS2
RUNS1
INTVCCS1
EXTVCCS1
INTVCCS2
EXTVCCS2
GND
GND
FREQS2
FREQS1
GND
SGND_C0_C1
UVS2
LTM4664A
(A)
VOSNS+_C0
VOSNS–_C0
FAULT_C0
FAULT_C1
VDD33
VDD25
SYNC
INTVCC
VOUTC0
SCL
SDA
RUN_C0
RUN_C1
SWC0
SWC1
PGOOD_C0
PGOOD_C1
VINS3_C0
VINS3_C1
VOSNS+_C1
VOUTC1
ALERT
SHARE_CLK
GND
+5V BIAS ≥ 50mA
4664A F48
VOSNS–_C1
GND
SGND_C0_C1
IN+
IN–
VOUT2
PGOODS1
FAULTS1
PGOODS2
FAULTS2
RUNS2
RUNS1
INTVCCS1
EXTVCCS1
INTVCCS2
EXTVCCS2
GND
GND
FREQS2
FREQS1
GND
SGND_C0_C1
UVS2
LTM4664A
(B)
PINS NOT SHOWN:
GL_C0
GL_C1
PHFLT_C0
PHFLT_C1
1%
14.3k
PINS NOT SHOWN:
GL_C0
PHFLT_C0
PHFLT_C1
GL_C1
FAULT
EXTVCC
EXTVCC
FAULT
PROGRAM EA-GM = 3.02ms
RCOMP = 4k ALL CHANNELS
FAULT_C0
FAULT_C1
SYNC
RUN_C1
ALERT
SHARE_CLK
10µF
×6
50V
10µF
×6
59V
1%
14.3k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com