Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 11Page - Analog Devices LTM4664 Datasheet HTML 12Page - Analog Devices LTM4664 Datasheet HTML 13Page - Analog Devices LTM4664 Datasheet HTML 14Page - Analog Devices LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices LTM4664 Datasheet HTML 17Page - Analog Devices LTM4664 Datasheet HTML 18Page - Analog Devices LTM4664 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 138 page
background image
LTM4664A
15
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
0.9V Individual Single Output
1st Stage = 100kHz,
2nd Stage = 200kHz,
Final 25A/30A Stages = 250kHz,
EXTVCC = 5V
1.5V Individual Single Output
1st Stage = 100kHz,
2nd Stage = 200kHz,
Final 25A/30A Stages = 350kHz,
EXTVCC = 5V
1V Individual Single Output
1st Stage = 100kHz,
2nd Stage = 200kHz,
Final 25A/30A Stages = 250kHz,
EXTVCC = 5V
1.2V Individual Single Output
1st Stage = 100kHz,
2nd Stage = 200kHz,
Final 25A/30A Stages = 250kHz,
EXTVCC = 5V
54V Input, 2-Phase 50A Single Output
1st Stage = 100kHz,
2nd Stage = 200kHz,
Final 25A/30A Stages = 350kHz,
EXTVCC = 5V
54V Input Voltage Change,
No Load
54V Input Voltage Change,
Load 25A Each
Dual Output Tracking
Start-Up/Shutdown
OUTPUT CURRENT (A)
0
75
90
85
80
95
5
10
15
20
25
4664A G01
54V INPUT
48V INPUT
36V INPUT
30V INPUT
OUTPUT CURRENT (A)
0
75
90
85
80
95
5
10
15
20
25
4664A G02
54V INPUT
48V INPUT
36V INPUT
30V INPUT
OUTPUT CURRENT (A)
0
75
90
85
80
95
5
10
15
20
25
4664A G03
54V INPUT
48V INPUT
36V INPUT
30V INPUT
OUTPUT CURRENT (A)
0
75
90
85
80
95
5
10
15
20
25
4664A G04
54V INPUT
48V INPUT
36V INPUT
30V INPUT
0
60
90
85
80
75
70
65
95
10
20
30
40
50
4664A G05
1.5V OUTPUT
1.2V OUTPUT
1V OUTPUT
0.9V OUTPUT
OUTPUT CURRENT (A)
VIN 30V TO 54V
TRANSIENT
20V/DIV,
50ms/DIV
FIRST STAGE
SWITCH 20V/DIV
SECOND STAGE
SWITCH 20V/DIV
FINAL 25A/30
STAGES
OUTPUT 1V/DIV
4664A G06
54V TO 1V, NO LOAD
4:1 DIVIDER: FIRST STAGE 100kHz,
SECOND STAGE 200kHz,
FINAL 25A/30A STAGES 250kHz
VIN 30V TO 54V
TRANSIENT
20V/DIV,
50ms/DIV
FIRST STAGE
SWITCH 20V/DIV
SECOND STAGE
SWITCH 20V/DIV
FINAL 25A/30A
STAGES
OUTPUT 1V/DIV
4664A G07
54V TO 1V, 25A LOAD EACH
4:1 DIVIDER: FIRST STAGE 100kHz,
SECOND STAGE 200kHz,
FINAL 25A/30A STAGES 250kHz
VOUTC0 = 1V,
VOUTC1 = 1.5V
500mV/DIV,
2ms/DIV
IOUT0
5A/DIV
RUN_C
n
5V/DIV
4664A G08
48VIN, 10A LOAD ON VOUT0, NO LOAD ON VOUTC1,
TON_RISE 0 = 3ms, TON_RISE 1 = 4.5ms,
TOFF_DELAY 1 = 0ms, TOFF_DELAY 0 = 1.5ms
TOFF_FALL 1 = 4.5ms, TOFF_FALL 0 = 3ms,
ON_OFF_CONFIG
n = 0x1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com