Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 15Page - Analog Devices LTM4664 Datasheet HTML 16Page - Analog Devices LTM4664 Datasheet HTML 17Page - Analog Devices LTM4664 Datasheet HTML 18Page - Analog Devices LTM4664 Datasheet HTML 19Page - Analog Devices LTM4664 Datasheet HTML 20Page - Analog Devices LTM4664 Datasheet HTML 21Page - Analog Devices LTM4664 Datasheet HTML 22Page - Analog Devices LTM4664 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 138 page
background image
LTM4664A
19
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
4:1 Divider Section (Stage 1)
GND: (A8-A9, B1-B3, B8-B9, B14-B16, C4-C13,
D4,D8,D9, D13, E1-E4, E8-E9, E13-E16, F1-F4, F8-F10,
G4, G8-G11, H4, H9-H11, J1-J4, J11, K1-K4, K11, L3,
L11, L14-L16, M3-M5, M11, M14, N1-N4, N7, N11-N16,
P1-P4, P7-P9, P13-P15, R1-R6, R9, R13-16, T2-T3,
T8-T9, T14-T15) Main ground pins for all ground returns.
Input and output capacitors are connected to these pin.
See recommended layout Figure 45.
VOUT1: (C14-C16) 1st stage divide by two output
pins. These pins connect to the 2nd stage VINS2 pins.
Recommend placing output decoupling capacitance
directly between these pins and GND pins.
INTVCCS1: (D10) Output of the 5.5V internal linear low
dropout regulator. The driver and control circuits are pow-
ered from this voltage source. Must be bypassed to power
ground with a minimum of 4.7μF ceramic or other low ESR
capacitor. Do not use the INTVCCS1 pin for any other ICs.
EXTVCCS1: (D11) External Power Input to the Internal
LDO Connected to INTVCCS1. This LDO supplies INTVCCS1
power, bypassing the internal LDO powered from VINS1
whenever EXTVCCS1 is higher than 6.5V and VINS1 is
higher than 7V. Do not exceed 30V on this pin. This
pin can be driven with the VOUT2 output to limit power
loss in LDO with VINS1 at higher input voltage. See
Applications section.
PGOODS1: (D12) This is an open drain output pin.
PGOODS1 is pulled to ground if there are any faults or
the voltage at UVS1 pin is lower than 1V. Use PGOODS1
or FAULTS1 to sequence on RUNS2 for the second stage.
UVS1: (E10) Undervoltage Comparator. If the UVS1 pin
voltage is lower than 1V, the PGOODS1 pin is pulled down.
If the UV pin voltage is higher than 1V and no faults,
PGOODS1 pin is released. Connect to INTVCCS1 if not
used. This pin is used to validate proper output regulation.
FAULTS1: (E11) This is an open drain output pin. FAULTS1
is pulled to ground when the VOUT1 voltage is out of
the (VINS1)/2 window threshold or the voltage between
INSNSS1+ and INSNSS1– is higher than 50mV. FAULTS1
pin is released after INTVCCS1 starts up and passes UVLO.
Use FAULTS1 or PGOODS1 to sequence on RUNS2 for
the second stage.
FREQS1: (E12) Frequency Set Pin. There is a precision
10μA current flowing out of this pin. A resistor to ground
sets a voltage which in turn programs the frequency.
See the 4:1 Divider Application Information section for
detailed information.
RUNS1: (F11) Stage 1 Run Control Input. Forcing RUNS1
below 1.2V shuts down the controller. When RUNS1 is
higher than 1.2V, internal circuitry starts up. There is a
1μA pull-up current flowing out of RUNS1 pin when the
RUNS1 pin voltage is below 1.2V and an additional 5μA
current flowing out of RUNS1 pin when the RUNS1 pin
voltage is above 1.2V.
TIMERS1: (F12) Charge Balance and Fault Timer Control
Input. A capacitor between this pin and ground sets the
amount of time to charge VOUT1 to (VINS1)/2. It also sets
the short-circuit retry time. See the 4:1 Divider Application
Information.
HYS_PRGMS1: (G12) A resistor connected between
this pin and ground will set the window threshold of the
window comparator that monitors the voltage difference
between (VINS1)/2 and VOUT1. There is a 10μA current
flowing out of this pin. See Applications section.
SW1, SW2: (G14-G16), (D14-D16) Switching nodes for
the 1st stage CFLY Flying capacitor. See Block Diagram.
I INSNSS1–: (J13) Current sense comparator negative
input, connected to the negative node of the current sens-
ing resistor. Short to INSNSS1+ if not used.
NSNSS1+: (J14) Current sense comparator positive input,
connected to the positive node of the external current
sensing resistor. The current sensing resistor has to
be placed on the drain of the very top MOSFET. When
the voltage between INSNSS1+ pin and INSNSS1– pin
is higher than 50mV, the Stage 1 controller indicates
an overcurrent fault by pulling the FAULTS1 pin down.
The INSNSS1+ pin is also used to source 95mA current
to the VOUT1 pin during the pre-balance time in divider
applications. Connect directly to the drain of the very top
MOSFET if not used. See application schematic section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com