Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 46 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 46 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 42Page - Analog Devices LTM4664 Datasheet HTML 43Page - Analog Devices LTM4664 Datasheet HTML 44Page - Analog Devices LTM4664 Datasheet HTML 45Page - Analog Devices LTM4664 Datasheet HTML 46Page - Analog Devices LTM4664 Datasheet HTML 47Page - Analog Devices LTM4664 Datasheet HTML 48Page - Analog Devices LTM4664 Datasheet HTML 49Page - Analog Devices LTM4664 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 138 page
background image
LTM4664A
46
Rev. 0
For more information www.analog.com
to cause a microcontroller to poll the fault commands.
Alternatively, the FAULT_Cn pins can be used as inputs
to detect external faults downstream of the controller that
require an immediate response.
Any fault or warning event will always cause the ALERT
pin to assert low unless the fault or warning is masked by
the SMBALERT_MASK. The pin will remain asserted low
until the CLEAR_FAULTS command is issued, the fault bit
is written to a 1 or bias power is cycled or a MFR_RESET
command is issued, or the RUN pins are toggled OFF/
ON or the part is commanded OFF/ON via PMBus or an
ARA command operation is performed. The MFR_FAULT_
PROPAGATE command determines if the FAULT_Cn pins
are pulled low when a fault is detected.
Output and input fault event handling is controlled by the
corresponding fault response byte as specified in Table 3
thru 17. Shutdown recovery from these types of faults
can either be autonomous or latched. For autonomous
recovery, the faults are not latched, so if the fault con-
ditions not present after the retry interval has elapsed, a
new soft-start is attempted.
If the fault persists, the controller will continue to retry.
The retry interval is specified by the MFR_RETRY_DELAY
command and prevents damage to the regulator com-
ponents by repetitive power cycling, assuming the fault
condition itself is not immediately destructive. The MFR_
RETRY_DELAY must be greater than 120ms. It can not
exceed 83.88 seconds.
Status Registers and ALERT Masking
Figure 9 summarizes the internal LTM4664A PSM status
registers accessible by PMBus command. These contain
indication of various faults, warnings and other import-
ant operating conditions. As shown, the STATUS_BYTE
and STATUS_WORD commands also summarize con-
tents of other status registers. Refer to PMBus Command
Summary for specific information.
NONE OF THE ABOVE in the STATUS_BYTE indicates that
one or more of the bits in the most-significant nibble of
STATUS_WORD are also set.
In general, any asserted bit in a STATUS_x register also
pulls the ALERT pin low. Once set, ALERT will remain low
until one of the following occurs.
n
A CLEAR_FAULTS or MFR_RESET Command Is Issued
n
The Related Status Bit Is Written to a One
n
The Faulted Channel Is Properly Commanded Off and
Back On
n
The LTM4664A PSM Successfully Transmits Its
Address During a PMBus ARA
n
Bias Power Is Cycled
With some exceptions, the SMBALERT_MASK command
can be used to prevent the LTM4664A PSM from assert-
ing ALERT for bits in these registers on a bit-by-bit basis.
These mask settings are promoted to STATUS_WORD
and STATUS_BYTE in the same fashion as the status bits
themselves. For example, if ALERT is masked for all bits
in channel 0 STATUS_VOUT, then ALERT is effectively
masked for the VOUT bit in STATUS_WORD for PAGE 0.
The BUSY bit in STATUS_BYTE also asserts ALERT low
and cannot be masked. This bit can be set as a result of
various internal interactions with PMBus communication.
This fault occurs when a command is received that cannot
be safely executed with one or both channels enabled.
As discussed in the 4:1 Divider Application Information,
BUSY faults can be avoided by polling MFR_COMMON
before executing some commands.
If masked faults occur immediately after power up, ALERT
may still be pulled low because there has not been time
to retrieve all of the programmed masking information
from EEPROM.
Status information contained in MFR_COMMON and
MFR_PADS can be used to further debug or clarify the
contents of STATUS_BYTE or STATUS_WORD as shown,
but the contents of these registers do not affect the state
of the ALERT pin and may not directly influence bits in
STATUS_BYTE or STATUS_WORD.
DUAL 25A/30A PSM OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com