Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
26
•
Product Specification (V1.4) 05.27.2005
(This specification is subject to change without further notice)
Table 5 The Status of RST, T and P being Affected by Events
Event
T
P
Power-on
1
1
WDTC instruction
1
1
WDT time-out
0
*P
SLEP instruction
1
0
Wake-up on pin changed during SLEEP mode
1
0
*P: Previous value before reset
WDT Timeout
Oscillator
D
Q
CLK
CLR
WDT
VDD
Setup time
Reset
CLK
/RESET
Power-On Reset
Voltage Detector
Fig. 10 Block Diagram of Reset of Controller
4.6
Interrupt
The EM78458/459 has six interrupts as listed below:
(1) TCC overflow interrupt
(2) Port 6 Input Status Change Interrupt
(3) External interrupt [(P50, /INT) pin].
(4) Analog to Digital conversion completed.
(5) When TMR1/TMR2 matches with PRD1/PRD2 respectively in PWM.
(6) When the comparators output changes.
Before the Port 6 Input Status Change Interrupt is enabled, reading Port 6 (e.g. "MOV
R6,R6") is necessary. Each Port 6 pin will have this feature if its status changes. Any
pin configured as output or P50 pin configured as /INT, is excluded from this function.
Port 6 Input Status Change Interrupt will wake up the EM78458/459 from the sleep
mode if it is enabled prior to going into the sleep mode by executing SLEP. When the
controller is wake-up, it will continue to execute the succeeding program if the global
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com