Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 33
(This specification is subject to change without further notice)
(User program)
CLR R_F
; To clear the ADCIF bit
BS ADCONR, ADRUN
; To start to execute the next AD conversion if necessary
RETI
INITIAL:
MOV A, @0bXXXX1XXX
; Enable the interrupt function of ADC, “X” by application
IOW C_INT
MOV A, @0xXX
; Interrupt disabled:<6>
CONTW
MOV A, @0b00000000
; To employ Vdd as the reference voltage, to define P60
as
IOW ADCONC; an analog input and set clock rate at
fosc/4
En_ADC:
MOV A, @0xXXXXXXX1
; To define P60 as an input pin, and the others are
dependent
IOW PORT6
; on applications
MOV A, @0b01000101
; To enable the OP1, and set the gain as 32
IOW GCON
BS ADCONR, ADPD
; To disable the power-down mode of ADC
ENI
; Enable the interrupt function
BS ADCONR, ADRUN
; Start to run the ADC
; If the interrupt function is employed, the following three lines may be ignored
POLLING:
JBC ADCONR, ADRUN
; To check the ADRUN bit continuously;
JMP POLLING
; ADRUN bit will be reset as the AD conversion is
completed
(User program)
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com