Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 40 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 40 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 44Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
34
•
Product Specification (V1.4) 05.27.2005
(This specification is subject to change without further notice)
4.8
Dual Sets of PWM ( Pulse Width Modulation )
4.8.1 Overview
In PWM mode, both PWM1 and PWM2 pins produce up to a 10-bit resolution PWM
output (see. Fig. 13 for the functional block diagram). A PWM output has a period and
a duty cycle, and it keeps the output in high. The baud rate of the PWM is the inverse of
the period. Fig. 14 depicts the relationships between a period and a duty cycle.
Data Bus
Data Bus
PRD1
Com parator
Com parator
TM R1H + TM R1L
S
RQ
MUX
Duty Cycle
Match
Period
Match
PWM1
T1P0
T1P1 T1EN
IOC51
PRD2
Com parator
Com parator
S
RQ
MUX
Duty Cycle
Match
Period
Match
PWM2
T2P0
T2P1 T2EN
IOC51
To PW M 1IF
To PW M 2IF
reset
reset
latch
latch
1:2
1:8
1:32
Fosc
1:64
1:2
1:8
1:32
Fosc
1:64
TM R2H + TM R2L
DT2H
+
DT2L
DT1H
+
DT1L
DL2H + DL2L
DL1H + DL1L
Fig. 13 The Functional Block Diagram of the Dual PWMs
Period
Duty Cycle
DT1 = TMR1
PRD1 = TMR1
Fig. 14 The Output Timing of the PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com