Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
6
•
Product Specification (V1.4) 05.27.2005
(This specification is subject to change without further notice)
"JMP" instruction allows the direct loading of the lower 10 program counter bits.
Thus, "JMP" allows PC to jump to any location within a page.
"CALL" instruction loads the lower 10 bits of the PC, and then PC+1 is pushed into
the stack. Thus, the subroutine entry address can be located anywhere within a
page.
"RET" ("RETL k", "RETI") instruction loads the program counter with the contents
of the top of stack.
"ADD R2, A" allows a relative address to be added to the current PC, and the ninth
and tenth bits of the PC are cleared.
"MOV R2, A" allows to load an address from the "A" register to the lower 8 bits of
the PC, and the ninth and tenth bits of the PC are cleared.
Any instruction that is written to R2 (e.g. "ADD R2, A", "MOV R2, A", "BC R2, 6",
⋅⋅⋅⋅⋅)
will cause the ninth bit and the tenth bit (A8~A9) of the PC to be cleared. Thus, the
computed jump is limited to the first 256 locations of a page.
In the case of EM78458/459, the most two significant bits (A11 and A10) will be
loaded with the content of PS1 and PS0 in the status register (R3) upon the
execution of a "JMP", "CALL", or any other instructions set which write to R2.
All instructions are single instruction cycle (fclk/2 or fclk/4) except for the
instructions which write to R2, need one more instruction cycle.
A9 ~ A8
A 11~A 10
A 7
~
A 0
Page 0
Page 1
Page 2
Page 3
000
3FF
400
7FF
BFF
FFF
C00
800
00
01
10
11
CALL K
RET
RETI
RETL K
Stack 0
Stack 1
Stack 2
Stack 3
Stack 4
Stack 5
Stack 6
Stack 7
Fig. 3 Program Counter Organization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com