Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 35
(This specification is subject to change without further notice)
4.8.2 Increment Timer Counter ( TMRX: TMR1H/TWR1L or
TMR2H/TWR2L )
TMRX are ten-bit clock counters with programmable prescalers. They are designed for
the PWM module as baud rate clock generators. TMRX can be read, written, and
cleared at any reset conditions. If employed, they can be turned down for power saving
by setting T1EN bit [PWMCON<4>] or T2EN bit [PWMCON<5>] to 0.
4.8.3 PWM Period ( PRDX : PRD1 or PRD2 )
The PWM period is defined by writing to the PRDX register. When TMRX is equal to
PRDX, the following events occur on the next increment cycle:
TMRX is cleared.
The PWMX pin is set to 1.
The PWM duty cycle is latched from DT1/DT2 to DTL1/DTL2.
NOTE
The PWM output will not be set, if the duty cycle is 0;
The PWMXIF pin is set to 1.
The following formula describes how to calculate the PWM period:
PERIOD = (PRDX + 1) * 4 * (1/Fosc) * (TMRX prescale value )
4.8.4 PWM Duty Cycle ( DTX: DT1H/ DT1L and DT2H/ DT2L; DTL:
DL1H/DL1L and DL2H/DL2L )
The PWM duty cycle is defined by writing to the DTX register, and is latched from DTX
to DLX while TMRX is cleared. When DLX is equal to TMRX, the PWMX pin is cleared.
DTX can be loaded at any time. However, it cannot be latched into DTL until the
current value of DLX is equal to TMRX.
The following formula describes how to calculate the PWM duty cycle:
Duty Cycle = (DTX) * (1/Fosc) * (TMRX prescale value )
4.8.5 Comparator X
To change the output status while the match occurs, the TMRXIF flag will be set at the
same time.
4.8.6 PWM Programming Procedures/Steps
(1) Load PRDX with the PWM period.
(2) Load DTX with the PWM Duty Cycle.
(3) Enable interrupt function by writing IOCF0, if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com