Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 29
(This specification is subject to change without further notice)
ADIS2~ADIS0 (bit 2~0):
Analog Input Select.
000 = AN0;
001 = AN1;
010 = AN2;
011 = AN3;
100 = AN4;
101 = AN5;
110 = AN6;
111 = AN7;
Change occurs only when the ADIF bit and the ADRUN bit are both LOW.
4.7.1.2 AD-CMP-CON/IOCA0
The AD-CMP-CON register defines the pins of Port 6 as analog inputs or as digital I/O,
individually.
BIT
7
6
5
4
3
2
1
0
SYMBOL
VREFS
CE
COE
IMS2
IMS1
IMS0
CKR1
CKR0
*Init_Value
0
0
0
0
0
0
0
0
*Init_Value: Initial value at power on reset
VREFS (Bit 7): The input source of the Vref of the ADC.
0 = The Vref of the ADC is connected to Vdd (default value), and the P53/VREF
pin carries out the function of P53;
1 = The Vref of the ADC is connected to P53/VREF.
CE (Bit 6): Control bit used to enable comparator.
0 = Disable comparator
1 = Enable comparator
COE (Bit 5): Set P57 as the output of the comparator
0 = the comparator acts as an OP if CE=1.
1 = act as a comparator if CE=1.
IMS2~IMS0 (Bit 4 ~ Bit 2): ADC configuration definition bit.
CKR1 and CKR0 (Bit 1 and Bit 0): The conversion time select.
00 = Fosc/4;
01 = Fosc/16;
10 = Fsco/64;
11 = The oscillator clock source of ADC is from WDT ring oscillator frequency.
( frequency=256/18ms 14.2Khz)
≒



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com