Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 1
(This specification is subject to change without further notice)
1
GENERAL DESCRIPTION
EM78458 and EM78459 are 8-bit microprocessors designed and developed with
low-power and high-speed CMOS technology. There is a 4K*13-bit Read Only Memory
(ROM) within it.
2
FEATURES
Operating voltage range: 2.3V~5.5V
Operating temperature range: 0
°C~70°C
Operating frequency range(base on 2 clocks):
Crystal mode: DC ~ 20MHz/2clks,5V; DC ~ 8MHz/2clks,3V
RC mode: DC ~ 4MHz/2clks,5V; DC ~ 4MHz/2clks,3V
Low power consumption:
Less than 1.5 mA at 5V/4MHz
Typically 15
µA, at 3V/32KHz
Typically 1
µA, during sleep mode
4K
× 13 bits on chip ROM
84
× 8 bits on chip registers (SRAM)
2 bi-directional I/O ports
8 level stacks for subroutine nesting
8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and
overflow interrupt
8-bit multichannel Analog-to-Digital Converter with 8-bit resolution
Dual Pulse Width Modulation (PWM ) with 10-bit resolution
One pair of comparators
Power-down (SLEEP) mode
Six available interruptions
TCC overflow interrupt
Input-port status changed interrupt (wake up from the sleep mode)
External interrupt
ADC completion interrupt
PWM period match completion
Comparator high interrupt
Programmable free running watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com