Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 16Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
10
•
Product Specification (V1.4) 05.27.2005
(This specification is subject to change without further notice)
4.1.11
RC
A 2-bit, Bit 0and Bit 1 register.
4.1.12
RD
An 8-bit general-purpose register.
4.1.13
RE
A 2-bit, Bit 0 and Bit 1 register.
4.1.14
RF (Interrupt Status Register)
7
6
5
4
3
2
1
0
-
CMPIF
PWM2IF
PWM1IF
ADIF
EXIF
ICIF
TCIF
“1” means interrupt request, and “0” means no interrupt occurs.
Bit 0 (TCIF)
TCC overflow interrupt flag. Set when TCC overflows, reset by
software.
Bit 1 (ICIF)
Port 6 input status change interrupt flag. Set when Port 6 input
changes, reset by software.
Bit 2 (EXIF)
External interrupt flag. Set by falling edge on /INT pin, reset by
software.
Bit 3 (ADIF)
Interrupt flag for analog to digital conversion. Set when AD
conversion is completed, reset by software.
Bit 4 (PWM1IF)
PWM1 (Pulse Width Modulation) interrupt flag. Set when a selected
period is reached, reset by software.
Bit 5 (PWM2IF)
PWM2 (Pulse Width Modulation) interrupt flag. Set when a selected
period is reached, reset by software.
Bit 6 (CMPIF)
High-compared interrupt flag. Set when a change occurs in the
output of Comparator, reset by software.
Bit 7
Unemployed, read as ‘0’;
RF can be cleared by instruction but cannot be set.
IOCF0 is the interrupt mask register.
Note that to read RF will result to "logic AND" of RF and IOCF0.
4.2.15
R10 ~ R3F
All of these are 8-bit general-purpose registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com