Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 55 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 55 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 51Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 52Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 53Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 54Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 55Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 56Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 57Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 58Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 59Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 49
(This specification is subject to change without further notice)
4.14 CODE OPTION
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ENWDTB
CK2
MS
HLF
RCT
-
Bit 0:
Reserved..
The bit0 set to ”0” all the time.
Bit 1 (RCT):
RC type.
0: Internal C, External R
1: External RC
Bit 2 (HLF):
Frequency mode.
0: Low frequency(<32.768KHz)
1: High frequency(
≥32.768KHz)
Bit 3 (MS):
Oscillator types.
0: RC type
1: Crystal type
Bit 4 (CK2):
Clocks per instruction.
0: 2 clocks
1: 4 clocks
Bit 5 (ENWDTB):
WatchDog Timer (WDT) control.
0: Enable WDT
1: Always disable WDT
4.15 Instruction Set
Each instruction in the instruction set is a 13-bit word divided into an OP code and one
or more operands. Normally, all instructions are executed within one single instruction
cycle (one instruction consists of 2 oscillator periods), unless the program counter is
changed by instruction "MOV R2,A", "ADD R2,A", or by instructions of arithmetic or
logic operation on R2 (e.g. "SUB R2,A", "BS(C) R2,6", "CLR R2",
⋅⋅⋅⋅). In this case, the
execution takes two instruction cycles.
In addition, the instruction set has the following features:
(1) Every bit of any register can be set, cleared, or tested directly.
(2) The I/O registers can be regarded as general registers. That is, the same
instruction can operate on I/O registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com