Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 61 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 61 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 54Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 55Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 56Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 57Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 58Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 59Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 60Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 61Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 62Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 55
(This specification is subject to change without further notice)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
ZAI
Recommended
impedance of analog
voltage source
0
8
10
KΩ
TAD
A/D clock period
Vdd=VAREF=5.0V, VASS
=0.0V
3
3.5
4
us
TCN
A/D conversion time
Vdd=VAREF=5.0V, VASS
=0.0V
10
10
TAD
ADIV
A/D OP input voltage
range
Vdd=VAREF=5.0V, VASS
=0.0V
0
5
V
0
0.2
0.3
ADOV
A/D OP output voltage
swing
Vdd=VAREF=5.0V, VASS
=0.0V,RL=10KΩ
4.7
4.8
5
V
ADSR
A/D OP slew rate
Vdd=VAREF=5.0V, VASS
=0.0V
0.1
0.3
V/us
PSR
Power Supply Rejection
Vdd=5.0V±0.5V
±0
±2
LSB
NOTE
1.These parameters are characterized but not tested.
2.These parameters are for design guidance only and are not tested.
3.It will not consume any current other than minor leakage current, when A/D is
off.
4.The A/D conversion result never decrease with an increase in the input
voltage, and has no missing code.
5.Specifications subject to change without notice.
6.4
Comparator(OP) Characteristic(Vdd = 5.0V,Vss=0V,Ta=0 to
70
)
℃
Symbo
Parameter
Condition
Min.
Typ.
Max.
Unit
SR
Slew rate
0.1
0.2
V/us
IVR
Input voltage range
Vdd =5.0V, VSS =0.0V
0
5
V
0
0.2
0.3
OVS
Output voltage swing
Vd =5.0V, VSS =0.0V,RL=10KΩ
4.7
4.8
5
V
Iop
Supply current of OP
250
350
500
uA
PSRR
Power-supply Rejection
Ration for OP
Vdd= 5.0V, VSS =0.0V
50
60
70
dB
Vos
Offset voltage
Vdd= 5.0V, VSS =0.0V
±10
±20
mV
Vs
Operating range
2.5
5.5
V
NOTE
1.These parameters are characterized but not tested.
2.These parameters are for design guidance only and are not tested.
3.Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com