Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
Product Specification (V1.4) 05.27.2005
• 27
(This specification is subject to change without further notice)
interrupt is disabled, or branches out to the interrupt vector 008H if the global interrupt
is enabled.
RF, the interrupt status register that records the interrupt requests in the relative
flags/bits. IOCF0 is an interrupt mask register. The global interrupt is enabled by the
ENI instruction and is disabled by the DISI instruction. When one of the interrupts
(when enabled) occurs, the next instruction will be fetched from address 008H. Once in
the interrupt service routine, the source of an interrupt can be determined by polling the
flag bits in RF. The interrupt flag bit must be cleared by instructions before leaving the
interrupt service routine to avoid recursive interrupts.
The flag (except ICIF bit) in the Interrupt Status Register (RF) is set regardless of the
status of its mask bit or the execution of ENI. Note that the outcome of RF will be the
logic AND of RF and IOCF0 (refer to Fig. 11). The RETI instruction ends the interrupt
routine and enables the global interrupt (the execution of ENI).
When an interrupt is generated by the INT instruction (when enabled), the next
instruction will be fetched from address 001H.
Fig. 11 Interrupt Input Circuit
4.7
Analog-To-Digital Converter (ADC)
The analog-to-digital circuitry consists of an 8-bit analog multiplexer, three control
registers (ADCON/R9, AD-CMP-CON/IOCA0, GCON/IOC90), one data register
(ADDATA/RA) and an ADC with 8-bit resolution. The functional block diagram of the
ADC is shown in Fig. 12. The analog reference voltage (Vref) and analog ground are
connected via separate input pins.
The ADC module utilizes successive approximation to convert the unknown analog
signal into a digital value. The result is fed to the ADDATA. Input channels are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com