Electronic Components Datasheet Search
  English  ▼

X  

EM78459AM Datasheet(PDF) 44 Page - ELAN Microelectronics Corp

Part # EM78459AM
Description  8-Bit Microcontroller with MASK ROM
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78459AM Datasheet(HTML) 44 Page - ELAN Microelectronics Corp

Back Button EM78459AM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 42Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78459AM Datasheet HTML 48Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
EM78458/459
8-Bit Microcontroller with MASK ROM
38
•
Product Specification (V1.4) 05.27.2005
(This specification is subject to change without further notice)
4.10.2
Comparator Outputs
The compared result is stored in the CMPOUT of R3.
The comparator outputs is output to P57 by programming bit5<COE> of the
AD-CMPCON register to 1.
P57 must be defined as an output if implemented as the comparator output.
Fig. 17 shows the comparator output block diagram.
Q
Q
EN
EN
D
D
To C0
To CPIF
To CMPOUT
CMRD
CMRD
From other
comparator
RESET
From OP I/O
Fig. 17 The Output Configuration of a Comparator
4.10.3
Using as An Operation Amplifier
The comparator can be used as an operation amplifier if a feedback resistor is
connected from the input to the output externally. In this case, the Schmitt trigger can
be disabled for power saving by setting CE to 1 and COE to 0.
4.10.4
Interrupt
CMPIE (IOCF0.6) must be enabled.
Interrupt occurs at the rising edge of the comparator output pin.
The actual change on the pin can be determined by reading the Bit CMPOUT,
R3<7>.
CMPIF (RF.6), the comparator interrupt flag, can only be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com