Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 28Page - Texas Instruments ISO1640 Datasheet HTML 29Page - Texas Instruments ISO1640 Datasheet HTML 30Page - Texas Instruments ISO1640 Datasheet HTML 31Page - Texas Instruments ISO1640 Datasheet HTML 32Page - Texas Instruments ISO1640 Datasheet HTML 33Page - Texas Instruments ISO1640 Datasheet HTML 34Page - Texas Instruments ISO1640 Datasheet HTML 35Page - Texas Instruments ISO1640 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
0
1000
2000
3000
4000
5000
6000
7000
8000
Applied Voltage (V
RMS)
T
A upto 150
oC
Stress Voltage Frequency = 60 Hz
Operating Life Time = >>100 Years
Isolation Working Voltage = 450 V
RMS
20%
TDDB Line (< 1000 ppm Fail Rate)
VDE Safety Margin Zone
Operating Zone
>>100Yrs
Figure 9-10. Insulation Lifetime Projection Data for ISO164x-Q1 in 8-D Package
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com