Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 20Page - Texas Instruments ISO1640 Datasheet HTML 21Page - Texas Instruments ISO1640 Datasheet HTML 22Page - Texas Instruments ISO1640 Datasheet HTML 23Page - Texas Instruments ISO1640 Datasheet HTML 24Page - Texas Instruments ISO1640 Datasheet HTML 25Page - Texas Instruments ISO1640 Datasheet HTML 26Page - Texas Instruments ISO1640 Datasheet HTML 27Page - Texas Instruments ISO1640 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
At first sight, the arrangement of the internal buffers suggests a closed signal loop that is prone to latch-up.
However, this loop is broken by implementing an output buffer (B) whose output low-level is raised by a diode
drop to approximately 0.65 V, and the input buffer (C) that consists of a comparator with defined hysteresis.
The comparator’s upper and lower input thresholds then distinguish between the proper low-potential of 0.4 V
(maximum) driven directly by SDA1 and the buffered output low-level of B.
Figure 8-3 demonstrate the switching behavior of the I2C isolator, ISO164x-Q1, between a master node at SDA1
and a heavy loaded bus at SDA2.
V
OL1
V
IHT1
SDA1
SDA2
SDA2
SDA1
Transmit
Delay
Transmit
Delay
Receive
Delay
V
IHT2
50%
50%
30%
30%
Receive
Delay
Receive
Delay
VCC1
VCC1
VCC2
VCC2
VCC1
VCC1
VCC2
VCC2
V
OL1
Figure 8-3. SDA Channel Timing in Receive and Transmit Directions
8.5.1 Receive Direction (Left Diagram of Figure 8-3)
When the I2C bus drives SDA2 low, SDA1 follows after a certain delay in the receive path. The output low is the
buffered output of VOL1 = 0.65 V, which is sufficiently low to be detected by Schmitt-trigger inputs with a minimum
input-low voltage of VIL = 0.9 V at 3 V supply levels.
When SDA2 is released, its voltage potential increases towards VCC2 following the time-constant formed
by RPU2 and Cbus. After the receive delay, SDA1 is released and also rises towards VCC1, following the
time-constant RPU1 × Cnode. Because of the significant lower time-constant, SDA1 may reach VCC1 before
SDA2 reaches VCC2 potential.
8.5.2 Transmit Direction (Right Diagram of Figure 8-3)
When a master drives SDA1 low, SDA2 follows after a certain delay in the transmit direction. When SDA2 turns
low it also causes the output of buffer B to turn low but at a higher 0.65 V level. This level cannot be observed
immediately as it is overwritten by the lower low-level of the master.
However, when the master releases SDA1, the voltage potential increases and first must pass the upper input
threshold of the comparator, VIHT1, to release SDA2. SDA1 then increases further until it reaches the buffered
output level of VOL1 = 0.65 V, maintained by the receive path. When comparator C turns high, SDA2 is released
after the delay in transmit direction. It takes another receive delay until B’s output turns high and fully releases
SDA1 to move toward VCC1 potential.
8.6 Device Functional Modes
Table 8-2 lists the ISO164x-Q1 functional modes.
Table 8-2. I2C Function Table(1)
POWER STATE
I2C INPUT
I2C OUTPUT
VCC1 < 2.3 V or VCC2 < 1.7 V
X
Z
VCC1 > 2.9 V and VCC2 > 2.25 V
L
L
VCC1 > 2.9 V and VCC2 > 2.25 V
H
Z
VCC1 > 2.9 V and VCC2 > 2.25 V
Z(2)
Undetermined
(1)
H = High Level; L = Low Level; Z = High Impedance or Float; X = Irrelevant
(2)
Invalid input condition as an I2C system requires that a pullup resistor to VCC is connected.
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com