Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 18Page - Texas Instruments ISO1640 Datasheet HTML 19Page - Texas Instruments ISO1640 Datasheet HTML 20Page - Texas Instruments ISO1640 Datasheet HTML 21Page - Texas Instruments ISO1640 Datasheet HTML 22Page - Texas Instruments ISO1640 Datasheet HTML 23Page - Texas Instruments ISO1640 Datasheet HTML 24Page - Texas Instruments ISO1640 Datasheet HTML 25Page - Texas Instruments ISO1640 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
8 Detailed Description
8.1 Overview
The I2C bus consists of a two-wire communication bus that supports bidirectional data transfer between a master
device and several slave devices. The master, or processor, controls the bus, specifically the serial clock (SCL)
line. Data is transferred between the master and slave through a serial data (SDA) line. This data can be
transferred in four speeds: standard mode (0 to 100 kbps), fast mode (0 to 400 kbps), fast-mode plus (0 to 1
Mbps), and high-speed mode (0 to 3.4 Mbps).
The I2C bus operates in bidirectional, half-duplex mode, using open collector outputs to allow for multiple
devices to share the bus. When a specific device is ready to communicate on the bus, it can take control pulling
the lines low accordingly in order to transmit data. A standard digital isolator or optocoupler is designed to
transfer data in a single direction. In order to support an I2C bus, external circuitry is required to separate the
bidirectional bus into two unidirectional signal paths. The ISO164x-Q1 devices internally handle the separation
and partitioning of the transmit and receive signals, integrating the external circuitry needed and provide
the open-collector signals. They provide high electromagnetic immunity and low emissions at low power
consumption. Each isolation channel has a logic input and output buffer separated by TI's double capacitive
silicon dioxide (SiO2) insulation barrier. When used in conjunction with isolated power supplies, these devices
block high voltages, isolate grounds, and prevent noise currents from entering the local ground and interfering
with or damaging sensitive circuitry.
8.2 Functional Block Diagrams
SDA2
SCL1
SCL2
GND2
GND1
VCC2
VCC1
SDA1
VREF
VREF
Figure 8-1. ISO1640-Q1 Block Diagram
8.3 Isolation Technology Overview
The ISO164x family of devices has an ON-OFF keying (OOK) modulation scheme to transmit the digital data
across a silicon dioxide based isolation barrier. The transmitter sends a high frequency carrier across the barrier
to represent one digital state and sends no signal to represent the other digital state. The receiver demodulates
the signal after advanced signal conditioning and produces the output through a buffer stage. These devices
also incorporate advanced circuit techniques to maximize the CMTI performance and minimize the radiated
emissions due the high frequency carrier and switching.
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com