Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 5Page - Texas Instruments ISO1640 Datasheet HTML 6Page - Texas Instruments ISO1640 Datasheet HTML 7Page - Texas Instruments ISO1640 Datasheet HTML 8Page - Texas Instruments ISO1640 Datasheet HTML 9Page - Texas Instruments ISO1640 Datasheet HTML 10Page - Texas Instruments ISO1640 Datasheet HTML 11Page - Texas Instruments ISO1640 Datasheet HTML 12Page - Texas Instruments ISO1640 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
6.6 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to DIN
VDE V 0884-11:2017-01
Certified according to IEC
61010-1, IEC 62368-1 and
IEC 60601-1
Recognized under UL 1577
Component Recognition
Program
Certified according to
GB4943.1-2011
Certified according to EN
61010-1:2010/A1:2019, and EN
62368-1:2014
Maximum transient isolation
voltage, 7071 VPK (DW-16),
and 4242 VPK (D-8);
Maximum repetitive peak
isolation voltage, 1500 VPK
(DW-16), and 637 VPK (D-8);
Maximum surge isolation
voltage, 6250 VPK (DW-16),
and 5000 VPK (D-8)
DW-16: 600 VRMS
reinforced insulation per
CSA 62368-1:19 and IEC
62368-1:2018 , (pollution
degree 2, material group I)
D-8: 400 VRMS basic
insulation per CSA
62368-1:19 and IEC
62368-1:2018, (pollution
degree 2, material group III)
DW-16: Single protection,
5000 VRMS;
D-8: Single protection, 3000
VRMS
DW-16: Reinforced Insulation,
Altitude ≤ 5000 m, Tropical
Climate,700 VRMS maximum
working voltage;
D-8: Basic Insulation, Altitude
≤ 5000 m, Tropical Climate,
250 VRMS maximum working
voltage
5000 VRMS (DW-16) and 3000
VRMS (D-8) Reinforced insulation
per EN 61010- 1:2010/A1:2019 up
to working voltage of 600 VRMS
(DW-16) and 300 VRMS (D-8)
5000 VRMS (DW-16) and 3000 VRMS
(D-8) Reinforced insulation per EN
62368-1:2014 up to working voltage
of 600 VRMS (DW-16) and 400 VRMS
(D-8)
Certificate number
(ISO1640BD-Q1): 40047657
Certification planned (All
others)
Master contract number
(ISO1640BD-Q1): 220991
Certification planned (All
others)
File number (ISO1640BD-
Q1): E181974
Certification planned (All
others)
Certificate
number (ISO1640BD-
Q1): CQC15001121716
Certification planned (All
others)
Client ID number (ISO1640BD-
Q1): 077311
Certification planned (All others)
6.7 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D-8 PACKAGE
IS
Safety input, output, or supply
current(1)
RθJA = 106.3 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see ISO1640B Thermal Derating Curve for Safety Limiting
Current for D-8 Package
214
mA
RθJA = 106.3 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see
ISO1640B Thermal Derating Curve for Safety Limiting Current
for D-8 Package
327
PS
Safety input, output, or total
power(1)
RθJA = 106.3 °C/W, TJ = 150°C, TA = 25°C, see ISO1640B
Thermal Derating Curve for Safety Limiting Power for D-8
Package
1176
mW
TS
Safety temperature(1)
150
°C
DW-16 PACKAGE
IS
Safety input, output, or supply
current(1)
RθJA = 62.4 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see
ISO1640 Thermal Derating Curve for Safety Limiting Current for
DW-16 Package
365
mA
RθJA = 62.4 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see
ISO1640 Thermal Derating Curve for Safety Limiting Current for
DW-16 Package
557
PS
Safety input, output, or total
power(1)
RθJA = 62.4 °C/W, TJ = 150°C, TA = 25°C, see ISO1640
Thermal Derating Curve for Safety Limiting Power for DW-16
Package
2004
mW
TS
Safety temperature(1)
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
www.ti.com
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com