Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 24Page - Texas Instruments ISO1640 Datasheet HTML 25Page - Texas Instruments ISO1640 Datasheet HTML 26Page - Texas Instruments ISO1640 Datasheet HTML 27Page - Texas Instruments ISO1640 Datasheet HTML 28Page - Texas Instruments ISO1640 Datasheet HTML 29Page - Texas Instruments ISO1640 Datasheet HTML 30Page - Texas Instruments ISO1640 Datasheet HTML 31Page - Texas Instruments ISO1640 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
The entire circuit operates from a single 3.3-V supply. A low-power push-pull converter, SN6501-Q1, drives a
center-tapped transformer with an output that is rectified and linearly regulated to provide a stable 5-V supply for
the data converters.
0.1 F
VS
10 F
MBR0520L
MBR0520L
1:2.2
0.1 F
3
1
D2
SN6501-Q1
D1
5
2
GND
GND
4
3.3 V
IN
EN
GND
OUT
6,7
13,14
3
5
TPS76750-Q1
10 F
5VISO
3
2
1
ISO Barrier
Vcc
2
3
VCC1
GND1
SDA1
ISO164x-Q1
0.1 F
10 F
TMS320F28035PAGQ
X1
X2
41
40
VDD
VSS
43
42
SDA
SCL
SCL1
VCC2
GND2
SDA2
SCL2
0.1 F
ADS1115-Q1
SDA
SCL
AIN0
AIN3
1.5 k
1.5 k
1.5 k
1.5 k
VDD
ADDR
GND
0.1 F
5VISO
4
5
6
7
8
8
9
10
1
3
4
7
4 Analog
Inputs
Figure 9-4. Isolated I2C Data Acquisition System
Figure 9-5. Isolated I2C and SPI Data Acquisition System
9.2.1 Design Requirements
The recommended power supply voltages must be from 3 V to 5.5 V for VCC1 and 2.25 V to 5.5 V for VCC2. A
recommended decoupling capacitor with a value of 0.1 µF is required between both the VCC1 and GND1 pins,
and the VCC2 and GND2 pins to support of power supply voltage transients and to ensure reliable operation at
all data rates.
9.2.2 Detailed Design Procedure
Although the ISO1640-Q1 features bidirectional data channels, the device performs optimally when side 1
(SDA1 and SCL1) is connected to a single controller or node of an I2C network while side 2 (SDA2 and SCL2)
is connected to the I2C bus. The maximum load permissible on the input lines, SDA1 and SCL1, is ≤ 80 pF and
on the output lines, SDA2 and SCL2, is ≤ 400 pF. In addition to the bidirectional data and clock channels for the
I2C network, the ISO1644 includes 3 GPIOs which can be used for static I/O lines or for a 3 wire SPI interface.
These lines are designed to support up to 50 Mbps data transfer rate.
The power-supply capacitor with a value of 0.1-µF must be placed as close to the power supply pins as possible.
The recommended placement of the capacitors must be 2-mm maximum from input and output power supply
pins (VCC1 and VCC2).
The minimum pullup resistors on the input lines, SDA1 and SCL1 to VCC1 must be selected in such a way that
input current drawn is ≤ 3.5 mA. The minimum pullup resistors on the input lines, SDA2 and SCL2, to VCC2
must be selected in such a way that output current drawn is ≤ 50 mA. The maximum pullup resistors on the
bus lines (SDA1 and SCL1) to VCC1 and on bus lines (SDA2 and SCL2) to VCC2, depends on the load and
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com