Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 16Page - Texas Instruments ISO1640 Datasheet HTML 17Page - Texas Instruments ISO1640 Datasheet HTML 18Page - Texas Instruments ISO1640 Datasheet HTML 19Page - Texas Instruments ISO1640 Datasheet HTML 20Page - Texas Instruments ISO1640 Datasheet HTML 21Page - Texas Instruments ISO1640 Datasheet HTML 22Page - Texas Instruments ISO1640 Datasheet HTML 23Page - Texas Instruments ISO1640 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
+
Output
-
GNDx
GNDy
VCCx
Ry
VCCy
SDAx or
SCLx
+
Output
GNDx
GNDy
VCCx
Ry
VCCy
0 V
Side x, Side y VCCx,VCCy
Ry
1, 2
3.3 V, 3.3 V 95.3 Ω
2, 1
3.3 V, 3.3 V 953 Ω
or
SDAx or
SCLx
VCCx or
VCCy
Output
VCCx (UVLO+)
0 .9 V
t
UVLO
VCCy
0 V
VCCx
IN
OUT
CL
See Note B
VO
VI
VOL
VOH
VCCI
0 V
tr
50
Input
Generator
(See Note A)
VI
VO
tf
tPLH
tPHL
50%
50%
50%
50%
90%
10%
Copyright © 2016, Texas Instruments Incorporated
A.
The input pulse is supplied by a generator having the following characteristics: PRR ≤ 50 kHz, 50% duty cycle, tr ≤ 3 ns, tf ≤ 3ns, ZO =
50 Ω. At the input, 50 Ω resistor is required to terminate Input Generator signal. It is not needed in actual application.
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com