Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 12Page - Texas Instruments ISO1640 Datasheet HTML 13Page - Texas Instruments ISO1640 Datasheet HTML 14Page - Texas Instruments ISO1640 Datasheet HTML 15Page - Texas Instruments ISO1640 Datasheet HTML 16Page - Texas Instruments ISO1640 Datasheet HTML 17Page - Texas Instruments ISO1640 Datasheet HTML 18Page - Texas Instruments ISO1640 Datasheet HTML 19Page - Texas Instruments ISO1640 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
80
90
100
SLLS
VCC1 and VCC2 = 3.3 V, R1 = 953 :, R2 = 95.3 :
VCC1 and VCC2 = 5 V, R1 = 1430 :, R2 = 143 :
C1 = 80 pF
C2 = 400 pF
Figure 6-11. tLOOP1 vs Free-Air Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
560
565
570
575
580
585
590
SLLS
VCC1 and VCC2 = 3.3 V, R1 and R2 = 2.2 k:
VCC1 and VCC2 = 5 V, R1 and R2 = 2.2 k:
C1 = 80 pF
C2 = 400 pF
Figure 6-12. tLOOP1 vs Free-Air Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
5
10
15
20
25
30
SLLS
VCC1 and VCC2 = 5 V, R2 = 143 :, C2 = 10pF
VCC1 and VCC2 = 3.3 V, R2 = 143 :, C2 = 10pF
Figure 6-13. tPLH1-2 Propagation Delay vs Free-Air
Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
1000
1020
1040
1060
1080
1100
1120
1140
1160
1180
1200
SLLS
VCC1 and VCC2 = 5 V, R2 = 2.2 k:, C2 = 400 pF
VCC1 and VCC2 = 3.3 V, R2 = 2.2 k:, C2 = 400 pF
Figure 6-14. tPLH1-2 Propagation Delay vs Free-Air
Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
10
20
30
40
50
60
70
SLLS
VCC1 and VCC2 = 5 V, R2 = 143 :, C2 = 10 pF
VCC1 and VCC2 = 3.3 V, R2 = 143 :, C2 = 10 pF
Figure 6-15. tPHL1-2 Propagation Delay vs Free-Air
Temperature
Free-Air Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110120
0
10
20
30
40
50
60
70
SLLS
VCC1 and VCC2 = 5 V, R2 = 2.2 k:, C2 = 400 pF
VCC1 and VCC2 = 3.3 V, R2 = 2.2 k:, C2 = 400 pF
Figure 6-16. tPHL1-2 Propagation Delay vs Free-Air
Temperature
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com