Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 2Page - Texas Instruments ISO1640 Datasheet HTML 3Page - Texas Instruments ISO1640 Datasheet HTML 4Page - Texas Instruments ISO1640 Datasheet HTML 5Page - Texas Instruments ISO1640 Datasheet HTML 6Page - Texas Instruments ISO1640 Datasheet HTML 7Page - Texas Instruments ISO1640 Datasheet HTML 8Page - Texas Instruments ISO1640 Datasheet HTML 9Page - Texas Instruments ISO1640 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
MIN
NOM
MAX
UNIT
VIL2
Low-level input voltage, Side 2
0
0.3 × VCC2
V
VIH2
High-level input voltage, Side 2
0.5 × VCC2
VCC2
V
IOL1
I2C Output current, Side 1
0.5
3.5
mA
IOL2
I2C Output current, Side 2
0.5
50
mA
C1
Capacitive load, Side 1
80
pF
C2
Capacitive load, Side 2
400
pF
fMAX
I2C Operating frequency(1)
1.7
MHz
TA
Ambient temperature
–40
25
125
°C
(1)
Maximum frequency is a function of the RC time constant on the bus. Higher frequencies can be achieved when the system has less
bus capacitance.
6.4 Thermal Information
THERMAL METRIC(1)
ISO1640-Q1
UNIT
D (SOIC)
DW (SOIC)
8 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
106.3
62.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
38.5
29.5
°C/W
RθJB
Junction-to-board thermal resistance
52.5
33.5
°C/W
ψJT
Junction-to-top characterization parameter
8.2
11.7
°C/W
ψJB
Junction-to-board characterization parameter
51.8
32.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
-
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO1640
PD
Maximum power dissipation (both
sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, C1 = 20 pF, C2 = 400 pF, R1 =
1.4 kΩ, R2 = 94 Ω, Input a 1.7-MHz 50% duty-cycle clock signal
96
mW
PD1
Maximum power dissipation (side-1)
43
mW
PD2
Maximum power dissipation (side-2)
53
mW
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com