Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 3 Page - Texas Instruments

  ISO1640 Datasheet HTML 1Page - Texas Instruments ISO1640 Datasheet HTML 2Page - Texas Instruments ISO1640 Datasheet HTML 3Page - Texas Instruments ISO1640 Datasheet HTML 4Page - Texas Instruments ISO1640 Datasheet HTML 5Page - Texas Instruments ISO1640 Datasheet HTML 6Page - Texas Instruments ISO1640 Datasheet HTML 7Page - Texas Instruments ISO1640 Datasheet HTML 8Page - Texas Instruments ISO1640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
5 Pin Configuration and Functions
1
VCC1
8
VCC2
2
SDA1
7
SDA2
3
SCL1
6
SCL2
4
GND1
5
GND2
Not to scale
Side 2
Side 1
Figure 5-1. ISO1640B-Q1 Package 8-Pin SOIC Top View
1
GND1
16
GND2
2
NC
15
NC
3
VCC1
14
VCC2
4
NC
13
NC
5
SDA1
12
SDA2
6
SCL1
11
SCL2
7
GND1
10
NC
8
NC
9
GND2
Not to scale
Side 1
Side 2
Figure 5-2. ISO1640-Q1 Package 16-Pin SOIC Top View
www.ti.com
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com