Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 19Page - Texas Instruments ISO1640 Datasheet HTML 20Page - Texas Instruments ISO1640 Datasheet HTML 21Page - Texas Instruments ISO1640 Datasheet HTML 22Page - Texas Instruments ISO1640 Datasheet HTML 23Page - Texas Instruments ISO1640 Datasheet HTML 24Page - Texas Instruments ISO1640 Datasheet HTML 25Page - Texas Instruments ISO1640 Datasheet HTML 26Page - Texas Instruments ISO1640 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
8.4 Feature Description
The device enables a complete isolated I2C interface to be implemented within a small form factor having the
features listed in Table 8-1.
Table 8-1. Features List
PART NUMBER
CHANNEL DIRECTION
RATED ISOLATION(1)
MAXIMUM FREQUENCY
ISO1640-Q1
Bidirectional (SCL)
Bidirectional (SDA)
5000 VRMS (16DW) 7071 VPK
(16DW) 3000 VRMS (8D) 4242
VPK (8D)
1.7 MHz
(1)
See for detailed Isolation specifications.
8.4.1 Hot Swap
The ISO1640-Q1 includes Hot Swap circuitry on Side 2 of the isolator to prevent loading on the I2C bus lines
while VCC2 is either unpowered or in the process of being powered on. While VCC2 is below the UVLO
threshold, the ISO1640-Q1 bus lines will not load the bus to avoid disrupting or corrupting an active I2C bus.
If the isolator is plugged into a live backplane using a staggered connector, where VCC2 and GND2 make
connection first followed by the bus lines, the SDA and SCL lines are pre-charged to VCC2 / 2 to minimize the
current required to charge the parasitic capacitance of the device. Once the device is fully powered on, the
device bus pins become active providing bidirectional, isolated, SCL and SDA lines.
8.4.2 Protection Features
Features are integrated in the ISO1640-Q1 to help protect the device from high current events. Enhanced ESD
protection cells are designed on the I2C bus pins to support 10 kV HBM ESD on side 1 and 14 kV HBM ESD on
side 2. The I2C bus pins on side 2 are designed to withstand an unpowered IEC-ESD strike of 8 kV, improving
robustness and system reliability in hot swap applications. In addition to the improved ESD performance, a short
circuit protection circuit is included on side 2 to protect the bus pins (SDA2 and SCL2) against strong short
circuits of 5 ohms or less to VCC2.
Thermal shutdown is integrated in the ISO1640-Q1 to protect the device from high current events. If the
junction temperature of the device exceeds the thermal shutdown threshold of 190°C (typical), the device turns
off, disabling the I2C circuits and releasing the bus. The shutdown condition is cleared when the junction
temperature drops at least the thermal shutdown hysteresis temperature of 10°C (typical) below the thermal
shutdown temperature of the device.
8.5 Isolator Functional Principle
To isolate a bidirectional signal path (SDA or SCL), the ISO1640-Q1 internally splits a bidirectional line into two
unidirectional signal lines, each of which is isolated through a single-channel digital isolator. Each channel output
is made open-drain to comply with the open-drain technology of I2C. Side 1 of the ISO1640-Q1 connects to a
low-capacitance I2C node (up to 80 pF), while side 2 is designed for connecting to a fully loaded I2C bus with up
to 400 pF of capacitance.
V
C-out
40 mV
50 mV
V
SDA1
V
OL1
V
IHT1
V
ILT1
R
PU1
C
node
V
CC1
SDA1
GND1
R
PU2
C
bus
V
CC2
SDA2
GND2
A
B
D
C
VREF
ISO164x
Figure 8-2. SDA Channel Design and Voltage Levels at SDA1
www.ti.com
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com