Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x-Q1 Automotive, Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 9Page - Texas Instruments ISO1640 Datasheet HTML 10Page - Texas Instruments ISO1640 Datasheet HTML 11Page - Texas Instruments ISO1640 Datasheet HTML 12Page - Texas Instruments ISO1640 Datasheet HTML 13Page - Texas Instruments ISO1640 Datasheet HTML 14Page - Texas Instruments ISO1640 Datasheet HTML 15Page - Texas Instruments ISO1640 Datasheet HTML 16Page - Texas Instruments ISO1640 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
over recommended operating conditions, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4.5 V ≤ VCC1, VCC2 ≤ 5.5 V
tf1
Output signal fall time
(SDA1 and SCL1)
0.7 × VCC1 ≥ VO ≥ 0.3 × VCC1, R1 = 1430 Ω,
C1 = 40 pF, R2 = 95.3 Ω, C2 = 400 pF, see Test Diagram
6
16
22
ns
0.9 × VCC1 ≥ VO ≥ 900 mV, R1 = 1430 Ω,
C1 = 40 pF, see Test Diagram
13
32
48
tf2
Output signal fall time
(SDA2 and SCL2)
0.7 × VCC2 ≥ VO ≥ 0.3 × VCC2, R2 = 143 Ω,
C2 = 400 pF, see Test Diagram
10
24
30
ns
0.9 × VCC2 ≥ VO ≥ 400 mV, R2 = 143 Ω,
C2 = 400 pF, see Test Diagram
28
48
76
tpLH1-2
Low-to-high propagation delay, side 1
to side 2
VI = 535 mV, VO = 0.7 × VCC2, R1 = 1430 Ω, R2 = 143 Ω, C1
and C2 = 10 pF, see Test Diagram
21
28
ns
tpHL1-2
High-to-low propagation delay, side 1 to
side 2
VI = 550 mV, VO = 0.3 × VCC2, R1 = 1430 Ω, R2 = 143 Ω, C1
and C2 = 10 pF, see Test Diagram
51
70
ns
tpLH2-1
Low-to-high propagation delay, side 2
to side 1
VI = 0.4 x VCC2, VO = 0.7 x VCC1, R1 = 1430 Ω, R2 = 143 Ω,
C1 and C2 = 10 pF, see Test Diagram
51
57
ns
tpHL2-1
High-to-low propagation delay, side 2 to
side 1
VI = 0.4 x VCC2, VO = 0.3 × VCC1, R1 = 1430 Ω, R2 = 143 Ω,
C1 and C2 = 10 pF, see Test Diagram
60
88
ns
PWD1-2
Pulse width distortion
|tpHL1-2 – tpLH1-2|
R1 = 1430 Ω, R2 = 143 Ω, C1 and C2 = 10 pF,
see Test Diagram
30
45
ns
PWD2-1
Pulse width distortion
|tpHL2-1 – tpLH2-1|
R1 = 1430 Ω, R2 = 143 Ω, C1 and C2 = 10 pF,
see Test Diagram
10
34
ns
tLOOP1
Round-trip propagation delay on side 1
0.4 V ≤ VI ≤ 0.3 × VCCI, R1 = 1430 Ω,
C1 = 40 pF, R2 = 143 Ω, C2 = 400 pF, see Test Diagram
84
96
ns
www.ti.com
ISO1640-Q1
SLLSFC3A – MARCH 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO1640-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com