Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
38
CLOCK SELECTION
To accompany the flexible digital routing options, the WM8580 offers a clock configuration scheme
for each interface. The user can choose the interface clock from MCLK, ADCMCLK, PLLACLK or
PLLBCLK. For some interfaces, the rate can be controlled either by external LRCLK (slave mode),
internal LRCLK (master mode) or by control register. The available options are described below.
DAC INTERFACE
The DAC_CLKSEL register selects the DAC clock source from MCLK, PLLACLK or PLLBCLK. If the
digital routing has been set such that DAC1 is sourcing the S/PDIF Receiver, then PLLACLK is
automatically selected, and DACs 2/3 are powered down by default.
With RX2DAC_MODE set, DAC1 sources the S/PDIF receiver and DACs 2/3 source the PAIF (and
hence are not powered down). The PAIFRX_LRCLK determines the sampling rate, so the S/PDIF
sampling rate must be synchronised with PAIF_LRCLK. Also, use of the S/PDIF receiver means that
PLLACLK and PLLBCLK are not available, and the MCLK applied to the DACs must be at a standard
audio rate.
The rate at which the DACs operate is determined by the DAC Rate module, divided down from the
MCLK signal. It calculates the rate based on the digital routing setup, and selects between
128/192/256/384/512/768/1152fs. When sourcing from the PAIF Receiver, PAIFRX_LRCLK (internal
or external) is used in the rate calculation. When sourcing from the SAIF Receiver, SAIF_LRCLK
(internal or external) is used in the rate calculation. When DAC1 is sourcing directly from the S/PDIF
receiver, the sub-fram clock, SFRM_CLK, is used in the rate calculation. However this can be
changed by setting the RX2DAC_MODE register bit, allowing the PAIF_LRCLK to determine the
sampling rate.
Figure 25 DAC Clock Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
CLKSEL
08h
1:0
DAC_CLKSEL
00
DAC clock source
00 = MCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
R15
DAC
CONTROL 1
0Fh
8
RX2DAC_MODE
0
DAC oversampling rate and power down
control (only valid when DAC_SRC = 00,
DAC1 data sourced from S/PDIF receiver)
0 = SFRM_CLK determines
oversampling rate, DACs 2/3 powered
down
1 = PAIFRX_LRCLK determines
oversampling rate, DACs 2/3 source
PAIF Receiver
Table 33 DAC Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com