Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
14
CONTROL INTERFACE TIMING – 3-WIRE MODE
Figure 4 SPI Compatible Control Interface Input Timing
Test Conditions
AVDD, PVDD = 5V,DVDD = 3.3V, AGND, PGND,DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK and ADCMCLK = 256fs unless
otherwise stated
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SCLK rising edge to CSB rising edge
tSCS
60
ns
SCLK pulse cycle time
tSCY
80
ns
SCLK duty cycle
40/60
60/40
ns
SDIN to SCLK set-up time
tDSU
20
ns
SDIN hold time from SCLK rising edge
tDHO
20
ns
SDO propagation delay from SCLK rising
edge
tDL
5
ns
CSB pulse width high
tCSH
20
ns
CSB rising/falling to SCLK rising
tCSS
20
ns
Pulse width of spikes that will be suppressed
tps
2
8
ns
Table 6 3-wire SPI Compatible Control Interface Input Timing Information
CSB
SCLK
SDIN
t
DHO
t
DSU
t
CSH
t
SCY
t
SCS
LSB
t
CSS
SDO
t
DL
LSB
t
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com